Electronic Components Datasheet Search
  English  ▼

X  

ISO7142CCDBQ Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7142CCDBQ
Description  VPK Small-Footprint and Low-Power Quad Channel Digital Isolator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7142CCDBQ Datasheet(HTML) 16 Page - Texas Instruments

Back Button ISO7142CCDBQ Datasheet HTML 12Page - Texas Instruments ISO7142CCDBQ Datasheet HTML 13Page - Texas Instruments ISO7142CCDBQ Datasheet HTML 14Page - Texas Instruments ISO7142CCDBQ Datasheet HTML 15Page - Texas Instruments ISO7142CCDBQ Datasheet HTML 16Page - Texas Instruments ISO7142CCDBQ Datasheet HTML 17Page - Texas Instruments ISO7142CCDBQ Datasheet HTML 18Page - Texas Instruments ISO7142CCDBQ Datasheet HTML 19Page - Texas Instruments ISO7142CCDBQ Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
VCC1
VCC2
GND1
GND2
OUTA
16
14
12
2, 8
9, 15
P3.1
P3.0
UCA0TXD
UCA0RXD
11
15
16
12
4
XOUT
XIN
5
6
2
MSP430
F2132
INA
OUTD
1
3
5
4
6
ISO7142
DVSS
DVCC
0.1 F
0.1 F
0.1 F
EN1
EN2
7
10
INB
13
11
OUTB
INC
IND
16
0.1 F
OUTC
VCC
GND
15
T1IN
9
11
12
10
C2-
3
R1OUT
T2IN
14
13
5
7
8
VS-
6
4
2
1
R2OUT
VS+
C1+
C1-
C2+
TRS232
4.7 k
4.7 k
R1IN
T1OUT
R2IN
T2OUT
1 F
1 F
1 F
1 F
TxD
RxD
RST
CST
ISOGND
10 F
0.1 F
MBR0520L
MBR0520L
1:2.1
0.1 F
3
1
D2
SN6501
D1
VCC
4, 5
2
GND
3.3 V
IN
ON
GND
OUT
1
5
4
3
LP2985-50
3.3 F
10 F
ISO-BARRIER
VIN
5VISO
2
BP
10 nF
ISO7142CC
SLLSEF1B – SEPTEMBER 2013 – REVISED AUGUST 2015
www.ti.com
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
ISO7142CC uses single-ended TTL-logic switching technology. Its supply voltage range is from 2.7 V to 5.5 V for
both supplies, VCC1 and VCC2. When designing with digital isolators, it is important to note that due to the single-
ended design structure, digital isolators do not conform to any specific interface standard and are only intended
for isolating single-ended CMOS or TTL digital signal lines. The isolator is typically placed between the data
controller (that is, µC or UART), and a data converter or a line transceiver, regardless of the interface type or
standard.
9.2 Typical Application
Typical isolated RS-232 interface implementation is shown in Figure 14.
Figure 14. Typical Isolated RS-232 Application Circuit for ISO7142
9.2.1 Design Requirements
Unlike optocouplers, which require external components to improve performance, provide bias, or limit current,
ISO7142CC only requires two external bypass capacitors to operate.
16
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: ISO7142CC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com