Electronic Components Datasheet Search
  English  ▼

X  

ISO7142CCDBQ Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7142CCDBQ
Description  VPK Small-Footprint and Low-Power Quad Channel Digital Isolator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7142CCDBQ Datasheet(HTML) 1 Page - Texas Instruments

  ISO7142CCDBQ Datasheet HTML 1Page - Texas Instruments ISO7142CCDBQ Datasheet HTML 2Page - Texas Instruments ISO7142CCDBQ Datasheet HTML 3Page - Texas Instruments ISO7142CCDBQ Datasheet HTML 4Page - Texas Instruments ISO7142CCDBQ Datasheet HTML 5Page - Texas Instruments ISO7142CCDBQ Datasheet HTML 6Page - Texas Instruments ISO7142CCDBQ Datasheet HTML 7Page - Texas Instruments ISO7142CCDBQ Datasheet HTML 8Page - Texas Instruments ISO7142CCDBQ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
OUTx
GNDO
GNDI
INx
VCCO
VCCI
Isolation
Capacitor
ENx
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
ISO7142CC
SLLSEF1B – SEPTEMBER 2013 – REVISED AUGUST 2015
ISO7142CC 4242-VPK Small-Footprint and Low-Power Quad Channel Digital Isolator
1 Features
2 Applications
1
•
Maximum Signaling Rate: 50 Mbps (with 5-V
•
General Purpose Isolation
Supplies)
•
Industrial Automation
•
Robust Design With Integrated Noise Filter
•
Motor Control
•
Low-Power Consumption, Typical ICC per Channel
•
Solar Inverters
(with 3.3-V Supplies):
3 Description
–
1.3 mA at 1 Mbps, 2.5 mA at 25 Mbps
ISO7142CC provides galvanic isolation up to 2500-
•
Wide Temperature Range: –55°C to 125°C
VRMS for 1 minute per UL and 4242-VPK per VDE.
•
50 kV/µs Transient Immunity, Typical
ISO7142CC is a quad-channel isolator with two
•
Long Life with SiO2 Isolation Barrier
forward and two reverse-direction channels. This
•
Operates From 2.7-V, 3.3-V and 5-V Supply
device is capable of maximum data rate of 50 Mbps
with 5-V supplies and 40 Mbps with 3.3-V or 2.7-V
•
2.7-V to 5.5-V Level Translation
supplies. ISO7142CC has integrated filters on the
•
Small QSOP-16 Package
inputs to support noise-prone applications.
•
Safety and Regulatory Approvals
Each isolation channel has a logic input and output
–
2500-VRMS Isolation for 1 Minute per UL 1577
buffer separated by a silicon dioxide (SiO2) insulation
–
4242-VPK Isolation per DIN V VDE V 0884-10
barrier. Used in conjunction with isolated power
supplies, this device prevents noise currents on a
(VDE V 0884-10):2006-12
data bus or other circuits from entering the local
–
CSA Component Acceptance Notice 5A, IEC
ground and interfering with or damaging sensitive
60950-1 and IEC 61010-1 End Equipment
circuitry. This device has TTL input thresholds and
Standards
can operate from 2.7-V, 3.3-V, and 5-V supplies.
–
CQC Certification per GB4943.1-2011
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
ISO7142CC
SSOP (16)
4.90 mm × 3.90 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Schematic
(1)
VCCI and GNDI are supply and ground connections respectively for the input channels.
(2)
VCCO and GNDO are supply and ground connections respectively for the output channels.
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - ISO7142CCDBQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7142CCDBQ TI2-ISO7142CCDBQ Datasheet
833Kb / 29P
ISO7142CC 4242-VPK Small-Footprint and Low-Power Quad Channel Digital Isolator
REVISED AUGUST 2015
ISO7142CCDBQ TI2-ISO7142CCDBQ Datasheet
833Kb / 29P
ISO7142CC 4242-VPK Small-Footprint and Low-Power Quad Channel Digital Isolator
REVISED AUGUST 2015
ISO7142CCDBQ.A TI2-ISO7142CCDBQ.A Datasheet
833Kb / 29P
ISO7142CC 4242-VPK Small-Footprint and Low-Power Quad Channel Digital Isolator
REVISED AUGUST 2015
ISO7142CCDBQ.A TI2-ISO7142CCDBQ.A Datasheet
833Kb / 29P
ISO7142CC 4242-VPK Small-Footprint and Low-Power Quad Channel Digital Isolator
REVISED AUGUST 2015
ISO7142CCDBQ.B TI2-ISO7142CCDBQ.B Datasheet
833Kb / 29P
ISO7142CC 4242-VPK Small-Footprint and Low-Power Quad Channel Digital Isolator
REVISED AUGUST 2015
More results

Similar Description - ISO7142CCDBQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7131CC TI1-ISO7131CC Datasheet
546Kb / 22P
4242-VPK Small-Footprint and Low-Power Triple and Quad Channels Digital Isolators
ISO7140FCC TI1-ISO7140FCC Datasheet
488Kb / 22P
4242-VPK Small-Footprint and Low-Power Triple and Quad Channels Digital Isolators
ISO7131CCDBQ TI1-ISO7131CCDBQ Datasheet
415Kb / 22P
4242-VPK Small-Footprint and Low-Power Triple and Quad Channels Digital Isolators
ISO7140CCDBQ TI-ISO7140CCDBQ Datasheet
415Kb / 22P
4242-VPK Small-Footprint and Low-Power Triple and Quad Channels Digital Isolators
ISO7141FCCDBQR TI-ISO7141FCCDBQR Datasheet
415Kb / 22P
4242-VPK Small-Footprint and Low-Power Triple and Quad Channels Digital Isolators
logo
Silicon Laboratories
SI8441BB-C-IS SILABS-SI8441BB-C-IS Datasheet
517Kb / 38P
LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
logo
Texas Instruments
ISO7142CC-Q1 TI1-ISO7142CC-Q1 Datasheet
998Kb / 26P
Small-Footprint and Low-Power Quad Channel Digital Isolator
ISO7840 TI1-ISO7840 Datasheet
1Mb / 36P
High-Performance, 8000-VPK Reinforced Quad-Channel Digital Isolator
ISO7841 TI1-ISO7841 Datasheet
1Mb / 37P
High-Performance, 8000-VPK Reinforced Quad-Channel Digital Isolator
ISO7842 TI1-ISO7842_16 Datasheet
1Mb / 37P
High-Performance, 8000-VPK Reinforced Quad-Channel Digital Isolator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com