Electronic Components Datasheet Search
  English  ▼

X  

MAX618 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX618
Description  28V, PWM, Step-Up DC-DC Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX618 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX618 Datasheet HTML 4Page - Maxim Integrated Products MAX618 Datasheet HTML 5Page - Maxim Integrated Products MAX618 Datasheet HTML 6Page - Maxim Integrated Products MAX618 Datasheet HTML 7Page - Maxim Integrated Products MAX618 Datasheet HTML 8Page - Maxim Integrated Products MAX618 Datasheet HTML 9Page - Maxim Integrated Products MAX618 Datasheet HTML 10Page - Maxim Integrated Products MAX618 Datasheet HTML 11Page - Maxim Integrated Products MAX618 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
28V, PWM, Step-Up DC-DC Converter
8
_______________________________________________________________________________________
GND
LX
COUT
L
PGND
R2
R1
CP
VL
COMP
CCOMP
IN
SHDN
UP TO 28V
VIND
UP TO 28V
CIND
IN
OUT
MAX618
2.7V TO 5.5V
4.7
µF
1
µF
FB
LX
CIND
COUT
L
PGND
GND
R1
VL
COMP
CCOMP
IN
SHDN
UP TO 28V
VIND
UP TO 28V
OUT
MAX618
IN
3V TO 28V
4.7
µF
1
µF
R2
CP
FB
Figure 3. Dual-Supply Operation (VIN = 2.7V to 5.5V)
Figure 4. Dual-Supply Operation (VIN = 3V to 28V)
Table 2. Input Configurations
VL can be overdriven by an external supply between
2.7V and 5.5V. In systems with +3.3V or +5V logic
power supplies available, improve efficiency by power-
ing VL and VIN directly from the logic supply as shown
in Figure 3.
Operating Configurations
The MAX618 can be connected in one of three configura-
tions described in Table 2 and shown in Figures 1, 3, and
4. The VL linear regulator allows operation from a single
supply between +3V and +28V as shown in Figure 1.
The circuit in Figure 3 allows a logic supply to power
the MAX618 while using a separate source for DC-DC
conversion power (inductor voltage). The logic supply
(between 2.7V and 5.5V) connects to VL and IN. VL =
IN; voltages of 3.3V or more improve efficiency by pro-
viding greater gate drive for the internal MOSFET.
The circuit in Figure 4 allows separate supplies to
power IN and the inductor voltage. It differs from the
connection in Figure 3 in that the MAX618 chip supply
is not limited to 5.5V.
CIRCUIT
Figure 1
Input voltage connects
to IN and inductor.
CONNECTION
VIN
RANGE
3V to VOUT
(up to 28V)
VIN
INDUCTOR
VOLTAGE
BENEFITS/COMMENTS
• Single-supply operation.
• SHDN must be connected to or pulled up to VL. On/off
control requires an open-drain or open-collector connection
to SHDN.
Figure 3
Figure 4
0 to VOUT
(up to 28V)
0 to VOUT
(up to 28V)
• Increased efficiency.
• SHDN can be driven by logic powered from the supply con-
nected to IN and VL, or can be connected to or pulled up to
VL.
• Input power source (inductor voltage) is separate from the
MAX618’s bias (VIN = VL) and can be less than or greater
than VIN.
• Input power source (inductor voltage) is separate from the
MAX618’s bias (VIN) and can be less than or greater than
VIN.
• SHDN must be connected to or pulled up to VL. On/off
control requires an open-drain or open-collector connection
to SHDN.
IN and inductor volt-
age supplied by sepa-
rate sources.
IN and VL connect
together. Inductor volt-
age supplied by a
separate source.
2.7V to 5.5V
3V to 28V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com