Electronic Components Datasheet Search
  English  ▼

X  

MAX618 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX618
Description  28V, PWM, Step-Up DC-DC Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX618 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX618 Datasheet HTML 2Page - Maxim Integrated Products MAX618 Datasheet HTML 3Page - Maxim Integrated Products MAX618 Datasheet HTML 4Page - Maxim Integrated Products MAX618 Datasheet HTML 5Page - Maxim Integrated Products MAX618 Datasheet HTML 6Page - Maxim Integrated Products MAX618 Datasheet HTML 7Page - Maxim Integrated Products MAX618 Datasheet HTML 8Page - Maxim Integrated Products MAX618 Datasheet HTML 9Page - Maxim Integrated Products MAX618 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
the output capacitor. Output current is limited by the 2A
MOSFET current limit and the MAX618’s package
power-dissipation limit. See the
Maximum Output
Current section for details.
In Idle Mode, the MAX618 improves light-load efficien-
cy by reducing inductor current and skipping cycles to
reduce the losses in the internal switch, diode, and
inductor. In this mode, a switching cycle initiates only
when the error comparator senses that the output volt-
age is about to drop out of regulation. When this
occurs, the NMOS switch turns on and remains on until
the inductor current exceeds the nominal 350mA Idle
Mode current limit.
Refer to Table 1 for an estimate of load currents at which
the MAX618 transitions between PWM and Idle Mode.
Compensation Scheme
Although the higher loop gain of voltage-controlled
architectures tends to provide tighter load regulation,
current-controlled architectures are generally easier to
compensate over wide input and output voltage
ranges. The MAX618 uses both control schemes in par-
allel: the dominant, low-frequency components of the
error signal are tightly regulated with a voltage-control
loop, while a current-control loop improves stability at
higher frequencies. Compensation is achieved through
the selection of the output capacitor (COUT), the inte-
grator capacitor (CCOMP), and the pole capacitor (CP)
from FB to GND. CP cancels the zero formed by COUT
and its ESR. Refer to the
Capacitor Selection section for
guidance on selecting these capacitors.
VL Low-Dropout Regulator
The MAX618 contains a 3.1V low-dropout linear regula-
tor to power internal circuitry. The regulator’s input is IN
and its output is VL. The IN to VL dropout voltage is
100mV, so that when IN is less than 3.2V, VL is typically
100mV below IN. The MAX618 still operates when the
LDO is in dropout, as long as VL remains above the
2.7V undervoltage lockout. Bypass VL with a 4.7µF
ceramic capacitor placed as close to the VL and GND
pins as possible.
28V, PWM, Step-Up DC-DC Converter
6
_______________________________________________________________________________________
SHDN
MAX618
IDLE MODE
CURRENT LIMIT
PWM
CURRENT LIMIT
ERROR
COMPARATOR
250kHz
OSCILLATOR
SLOPE
COMPENSATION
LINEAR
REGULATOR
CURRENT-
SENSE
CIRCUIT
PGND
IN
LX
OUT
R
14R
VL
FB
COMP
IN
VL
NMOS
REFERENCE
INTEGRATOR
GND
SHUTDOWN
PWM
LOGIC
THERMAL
SHUTDOWN
Figure 2. Functional Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com