Electronic Components Datasheet Search
  English  ▼

X  

MAX618 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX618
Description  28V, PWM, Step-Up DC-DC Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX618 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX618 Datasheet HTML 1Page - Maxim Integrated Products MAX618 Datasheet HTML 2Page - Maxim Integrated Products MAX618 Datasheet HTML 3Page - Maxim Integrated Products MAX618 Datasheet HTML 4Page - Maxim Integrated Products MAX618 Datasheet HTML 5Page - Maxim Integrated Products MAX618 Datasheet HTML 6Page - Maxim Integrated Products MAX618 Datasheet HTML 7Page - Maxim Integrated Products MAX618 Datasheet HTML 8Page - Maxim Integrated Products MAX618 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
28V, PWM, Step-Up DC-DC Converter
4
_______________________________________________________________________________________
0
VOUT
(100mV/div)
VLX
(10V/div)
IL
(1A/div)
MEDIUM-LOAD SWITCHING
WAVEFORMS
MAX618 toc07
VIN = 5V, VOUT = 12V, IOUT = 200mA
2
µs/div
0
VOUT
(100mV/
div)
VLX
(10V/div)
IL
(1A/div)
HEAVY-LOAD SWITCHING
WAVEFORMS
MAX618 toc08
VIN = 5V, VOUT = 12V, IOUT = 500mA
2
µs/div
3V
6V
VOUT
(50mV/div)
VIN
(5V/div)
LINE-TRANSIENT RESPONSE
MAX618 toc09
IOUT = 200mA, VOUT = 12V
2ms/div
Typical Operating Characteristics (continued)
(Circuit of Figure 1, TA = +25°C.)
0
VOUT
(200mV/div)
IOUT
(100mA/div)
LOAD-TRANSIENT RESPONSE
MAX618 toc10
VIN = 5V, VOUT = 12V
5ms/div
5V
12V
0
SHDN
(2V/div)
VOUT
(2V/div)
SHUTDOWN RESPONSE
MAX618 toc11
VIN = 5V, VOUT = 12V, ILOAD = 500mA
500
µs/div
0
0.4
0.2
0.6
1.2
1.4
1.0
0.8
1.6
2
4567
3
8
9
101112
MAXIMUM OUTPUT CURRENT
vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
VOUT = 12V
0.40
0.45
0.55
0.50
0.60
0.65
010
5
15202530
NO-LOAD SUPPLY CURRENT
vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
300
400
350
500
450
550
600
650
700
-50
-10
10
-30
30
50
70
90
110
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (°C)
VIN = 8V
VIN = 5V
VIN = 3V
INCLUDES CAPACITOR LEAKAGE CURRENT
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
212
7
17222732
SHUTDOWN CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com