Electronic Components Datasheet Search
  English  ▼

X  

MAX618EEE Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX618EEE
Description  28V, PWM, Step-Up DC-DC Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX618EEE Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX618EEE Datasheet HTML 5Page - Maxim Integrated Products MAX618EEE Datasheet HTML 6Page - Maxim Integrated Products MAX618EEE Datasheet HTML 7Page - Maxim Integrated Products MAX618EEE Datasheet HTML 8Page - Maxim Integrated Products MAX618EEE Datasheet HTML 9Page - Maxim Integrated Products MAX618EEE Datasheet HTML 10Page - Maxim Integrated Products MAX618EEE Datasheet HTML 11Page - Maxim Integrated Products MAX618EEE Datasheet HTML 12Page - Maxim Integrated Products MAX618EEE Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Shutdown Mode
In shutdown mode (SHDN = 0), the MAX618’s feed-
back and control circuit, reference, and internal biasing
circuitry turn off and reduce the IN supply current to
3µA (10µA max). When in shutdown, a current path
remains from the input to the output through the exter-
nal inductor and diode. Consequently, the output falls
to VIN less one diode drop in shutdown.
SHDN may not exceed VL. For always-on operation,
connect SHDN to VL. To add on/off control to the circuit
of Figure 1 or 4, pull SHDN to VL with a resistor (10k
Ω
to 100k
Ω) and drive SHDN with an open-drain logic
gate or switch as shown in Figure 5. Alternatively, the
circuit of Figure 3 allows direct SHDN drive by any
logic-level gate powered from the same supply that
powers VL and IN, as shown in Figure 6.
__________________Design Procedure
The MAX618 operates in a number of DC-DC converter
configurations including step-up, SEPIC, and flyback.
The following design discussion is limited to step-up
converters.
Setting the Output Voltage
Two external resistors (R1 and R2) set the output volt-
age. First, select a value for R2 between 10k
Ω and
200k
Ω. Calculate R1 with:
where VFB is 1.5V.
Determining the Inductor Value
The MAX618’s high switching frequency allows the use
of a small value inductor. The recommended inductor
value is proportional to the output voltage and is given
by the following:
After solving for the above equation, round down as
necessary to select a standard inductor value.
When selecting an inductor, choose one rated to
250kHz, with a saturation current exceeding the peak
inductor current, and with a DC resistance under
200m
Ω. Ferrite core or equivalent inductors are gener-
ally appropriate (see MAX618 EV kit data sheet).
Calculate the peak inductor current with the following
equation:
Note that the peak inductor current is internally limited
to 2A.
Diode Selection
The MAX618’s high switching frequency demands a
high-speed rectifier. Schottky diodes are preferred for
most applications because of their fast recovery time
and low forward voltage. Make sure that the diode’s
peak current rating exceeds the 2A peak switch cur-
rent, and that its breakdown voltage exceeds the out-
put voltage.
I
I
V
V
2s
V
L
VV
V
LX(PEAK)
OUT
OUT
IN
IN
OUT
IN
OUT
=+
−
()


µ
L
VOUT
= ⋅
7105
RR
V
V
OUT
FB
12
1
=−


28V, PWM, Step-Up DC-DC Converter
_______________________________________________________________________________________
9
MAX618
VL
100k
ON/OFF
CONTROL
OPEN-DRAIN
LOGIC
SHDN
MAX618
IN
VL
SYSTEM LOGIC
ON/OFF
CONTROL
SHDN
SYSTEM
LOGIC SUPPLY
Figure 5. Adding On/Off Control to Circuit of Figure 1 or 4
Figure 6. Adding On/Off Control to Circuit of Figure 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com