Electronic Components Datasheet Search
  English  ▼

X  

MAX618EEE Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX618EEE
Description  28V, PWM, Step-Up DC-DC Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX618EEE Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX618EEE Datasheet HTML 1Page - Maxim Integrated Products MAX618EEE Datasheet HTML 2Page - Maxim Integrated Products MAX618EEE Datasheet HTML 3Page - Maxim Integrated Products MAX618EEE Datasheet HTML 4Page - Maxim Integrated Products MAX618EEE Datasheet HTML 5Page - Maxim Integrated Products MAX618EEE Datasheet HTML 6Page - Maxim Integrated Products MAX618EEE Datasheet HTML 7Page - Maxim Integrated Products MAX618EEE Datasheet HTML 8Page - Maxim Integrated Products MAX618EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
28V, PWM, Step-Up DC-DC Converter
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS
(VIN = +6V, PGND = GND, CVL = 4.7µF, TA = -40°C to +85°C, unless otherwise noted.) (Note 2)
100
0
0.1
1
10
100
1000
EFFICIENCY vs. OUTPUT CURRENT
(VOUT = 12V)
20
30
10
OUTPUT CURRENT (mA)
40
50
60
70
80
90
VIN = 8V
VIN = 5V
VIN = 3V
100
0
0.1
1
10
100
1000
EFFICIENCY vs. OUTPUT CURRENT
(VOUT = 28V)
20
30
10
OUTPUT CURRENT (mA)
40
50
60
70
80
90
VIN = 12V
VIN = 5V
VIN = 3V
Typical Operating Characteristics
(Circuit of Figure 1, TA = +25°C.)
Note 2: Specifications to -40°C are guaranteed by design, not production tested.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Supply Current, Full Load
IIN
4
mA
Supply Current, Full Load,
VL Connected to IN
IIN
7.5
mA
Supply Current Shutdown
IIN
10
µA
VL Output Voltage
VVL
2.85
3.3
V
Supply Current, No Load
Input Voltage
VIN
328
V
IIN
800
µA
VL Undervoltage Lockout
VVL
2.55
2.85
V
FB Set Voltage
VFB
1.455
1.545
V
LX Voltage Range
VLXON
28
V
LX Switch Current Limit
ILXON
1.4
3
A
LX On-Resistance
RLXON
0.6
Ω
Switching Frequency
f
188
312
kHz
CONDITIONS
Rising edge, 1% hysteresis
VIN = 3.4V to 28V, VFB = 1.4V, SHDN = VL,
VL < VIN
VIN = 3V to 5.5, VFB = 1.4V, SHDN = VL = IN
VIN = 28V, VFB = 1.6V, SHDN = GND
PWM mode
VIN = 3.5V or 28V, no load
VIN = 3V to 28V, VFB = 1.6V, SHDN = VL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com