Electronic Components Datasheet Search
  English  ▼

X  

IRS2184 Datasheet(PDF) 2 Page - International Rectifier

Part # IRS2184
Description  HALF-BRIDGE DRIVER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2184 Datasheet(HTML) 2 Page - International Rectifier

  IRS2184 Datasheet HTML 1Page - International Rectifier IRS2184 Datasheet HTML 2Page - International Rectifier IRS2184 Datasheet HTML 3Page - International Rectifier IRS2184 Datasheet HTML 4Page - International Rectifier IRS2184 Datasheet HTML 5Page - International Rectifier IRS2184 Datasheet HTML 6Page - International Rectifier IRS2184 Datasheet HTML 7Page - International Rectifier IRS2184 Datasheet HTML 8Page - International Rectifier IRS2184 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
IRS2184/IRS21844(S)PbF
www.irf.com
2
Symbol
Definition
Min.
Max.
Units
VB
High-side floating absolute voltage
-0.3
620 (Note 1)
VS
High-side floating supply offset voltage
VB - 20
VB + 0.3
VHO
High-side floating output voltage
VS - 0.3
VB + 0.3
VCC
Low-side and logic fixed supply voltage
-0.3
20 (Note 1)
VLO
Low-side output voltage
-0.3
VCC + 0.3
DT
Programmable dead-time pin voltage (IRS21844 only)
VSS - 0.3
VCC + 0.3
VIN
Logic input voltage (IN & SD)
VSS - 0.3
VCC + 0.3
VSS
Logic ground (IRS21844 only)
VCC - 20
VCC + 0.3
dVS/dt
Allowable offset supply voltage transient
—
50
V/ns
(8-lead PDIP)
—
1.0
PD
Package power dissipation @ TA £ +25 °C
(8-lead SOIC)
—
0.625
(14-lead PDIP)
—
1.6
(14-lead SOIC)
—
1.0
(8-lead PDIP)
—
125
RthJA
Thermal resistance, junction to ambient
(8-lead SOIC)
—
200
(14-lead PDIP)
—
75
(14-lead SOIC)
—
120
TJ
Junction temperature
—
150
TS
Storage temperature
-50
150
TL
Lead temperature (soldering, 10 seconds)
—
300
V
°
C/W
W
Absolute Maximum Ratings
Absolute maximum ratings indicate sustained limits beyond which damage to the device may occur. All voltage parameters
are absolute voltages referenced to COM. The thermal resistance and power dissipation ratings are measured under board
mounted and still air conditions.
Note 1: All supplies are fully tested at 25 V and an internal 20 V clamp exists for each supply.
°
C
PDF created with pdfFactory trial version www.pdffactory.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com