Electronic Components Datasheet Search
  English  ▼

X  

IRS2184 Datasheet(PDF) 21 Page - International Rectifier

Part # IRS2184
Description  HALF-BRIDGE DRIVER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2184 Datasheet(HTML) 21 Page - International Rectifier

Back Button IRS2184 Datasheet HTML 17Page - International Rectifier IRS2184 Datasheet HTML 18Page - International Rectifier IRS2184 Datasheet HTML 19Page - International Rectifier IRS2184 Datasheet HTML 20Page - International Rectifier IRS2184 Datasheet HTML 21Page - International Rectifier IRS2184 Datasheet HTML 22Page - International Rectifier IRS2184 Datasheet HTML 23Page - International Rectifier IRS2184 Datasheet HTML 24Page - International Rectifier IRS2184 Datasheet HTML 25Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
www.irf.com
21
IRS2184/IRS21844(S)PbF
0
1
2
3
4
5
10
12
14
16
18
20
Supply Voltage (V)
Typ.
Mi n.
20
40
60
80
100
120
140
1
10
100
1000
Frequency (kHz)
140v
70v
0v
140v
70v
0v
20
40
60
80
100
120
140
1
10
100
1000
Frequency (kHz)
140v
70v
0v
20
1
10
100
1000
Frequency (kHz)
20
40
60
80
100
120
140
Figure 34. IRS218
4 vs. Frequency (IRFBC20),
Rgate = 33W, Vcc = 15V
Figure 33B. Output Sink Current
vs. Supply Voltage
Figure 35. IRS218
4 vs. Frequency (IRFBC30),
Rgate = 22W, Vcc = 15V
Figure 36. IRS218
4 vs. Frequency (IRFBC40),
Rgate = 15W, Vcc = 15V
PDF created with pdfFactory trial version www.pdffactory.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com