Electronic Components Datasheet Search
  English  ▼

X  

IRS2184 Datasheet(PDF) 3 Page - International Rectifier

Part # IRS2184
Description  HALF-BRIDGE DRIVER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2184 Datasheet(HTML) 3 Page - International Rectifier

  IRS2184 Datasheet HTML 1Page - International Rectifier IRS2184 Datasheet HTML 2Page - International Rectifier IRS2184 Datasheet HTML 3Page - International Rectifier IRS2184 Datasheet HTML 4Page - International Rectifier IRS2184 Datasheet HTML 5Page - International Rectifier IRS2184 Datasheet HTML 6Page - International Rectifier IRS2184 Datasheet HTML 7Page - International Rectifier IRS2184 Datasheet HTML 8Page - International Rectifier IRS2184 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
www.irf.com
3
IRS2184/IRS21844(S)PbF
Note 2: Logic operational for VS of -5 V to +600 V. Logic state held for VS of -5 V to -VBS. (Please refer to the Design
Tip DT97-3 for more details).
Note 3: Operational for transient negative VS of COM - 50 V with a 50 ns pulse width. Guaranteed by design. Refer to
the Application Information section of this datasheet for more details.
Recommended Operating Conditions
The input/output logic timing diagram is shown in Fig. 1. For proper operation the device should be used within the
recommended conditions. The VS and VSS offset rating are tested with all supplies biased at a 15 V differential.
VB
High-side floating supply absolute voltage
VS + 10
VS + 20
VS
High-side floating supply offset voltage
COM -8 (Note 2)
600
VSt
Transient high-side floating supply offset voltage
-50 (Note 3)
600
VHO
High-side floating output voltage
VS
VB
VCC
Low-side and logic fixed supply voltage
10
20
VLO
Low-side output voltage
0
VCC
VIN
Logic input voltage (IN & SD)
VSS
VCC
DT
Programmable deadtime pin voltage (IRS21844 only)
VSS
VCC
VSS
Logic ground (IRS21844 only)
-5
5
TA
Ambient temperature
-40
125
°
C
V
Symbol
Definition
Min.
Max.
Units
Dynamic Electrical Characteristics
VBIAS (VCC, VBS) = 15 V, VSS = COM, CL = 1000 pF, TA = 25° C, DT = VSS unless otherwise specified.
Symbol
Definition
Min.
Typ.
Max. Units Test Conditions
ton
Turn-on propagation delay
—
680
900
VS = 0 V
toff
Turn-off propagation delay
—
270
400
VS = 0 V or 600 V
tsd
Shut-down propagation delay
—
180
270
MTon
Delay matching, HS & LS turn-on
—
0
90
MToff
Delay matching, HS & LS turn-off
—
0
40
tr
Turn-on rise time
—
40
60
tf
Turn-off fall time
—
20
35
DT
Deadtime: LO turn-off to HO turn-on(DTLO-HO) &
280
400
520
RDT= 0 W
HO turn-off to LO turn-on (DTHO-LO)
4
5
6
ms
RDT = 200 kW
MDT
Deadtime matching = DTLO - HO - DTHO-LO
—
0
50
RDT=0 W
—
0
600
RDT = 200 kW
ns
ns
VS = 0 V
PDF created with pdfFactory trial version www.pdffactory.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com