Electronic Components Datasheet Search
  English  ▼

X  

MAX6403 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX6403
Description  關P Supervisory Circuits in 4-Bump (2 x 2) Chip-Scale Package
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6403 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX6403 Datasheet HTML 1Page - Maxim Integrated Products MAX6403 Datasheet HTML 2Page - Maxim Integrated Products MAX6403 Datasheet HTML 3Page - Maxim Integrated Products MAX6403 Datasheet HTML 4Page - Maxim Integrated Products MAX6403 Datasheet HTML 5Page - Maxim Integrated Products MAX6403 Datasheet HTML 6Page - Maxim Integrated Products MAX6403 Datasheet HTML 7Page - Maxim Integrated Products MAX6403 Datasheet HTML 8Page - Maxim Integrated Products MAX6403 Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
µP Supervisory Circuits in 4-Bump (2
✕ 2)
Chip-Scale Package
_______________________________________________________________________________________
3
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
ISINK = 1.6mA, VCC
≥ 2.1V, reset asserted
0.3
RESET Output Voltage Low
(MAX6400/MAX6402/MAX6403/
MAX6405)
VOL
ISINK = 100
µA, VCC ≥ 1.2V, reset asserted
0.4
V
ISOURCE = 500
µA, VCC = 3.2V, MAX6400,
only, reset not asserted
0.8 x VCC
ISOURCE = 800
µA, VCC = 4.5V,
VTH
≤ 4.38V, reset not asserted
0.8 x VCC
RESET Output Voltage High
(MAX6400/MAX6403)
VOH
ISOURCE = 800
µA, VCC = VTH (max),
VTH
≥ 4.5V, reset not asserted
0.8 x VCC
V
ISOURCE = 500
µA, VCC ≥ 2.1V, reset
asserted
0.8 x VCC
VOH
ISOURCE = 50
µA, VCC ≥ 1.2V, reset
asserted
0.8 x VCC
ISINK = 1.2mA, VCC
≥ 3.2V, reset not
asserted, MAX6401 only
0.3
ISINK = 3.2mA, VCC
≥ 4.5V, reset not
asserted, VTH
≤ 4.38V
0.4
RESET Output Voltage
(MAX6401/MAX6404)
VOL
ISINK = 3.2mA, VCC = VTH (max),
VTH
≥ 4.5V, reset not asserted
0.4
V
Open-Drain
RESET Output
Leakage Current (Note 2)
RESET not asserted
0.1
µA
ELECTRICAL CHARACTERISTICS (continued)
(VCC = 1.0V to 5.5V, TA = -40°C to +85°C, unless otherwise noted. Typical values are at VCC = 3.0V and TA = +25°C.) (Note 1)
Note 1: Production testing done at +25
°C only. Overtemperature limits are guaranteed by design and not production tested.
Note 2: Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com