Electronic Components Datasheet Search
  English  ▼

X  

MAX6403 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX6403
Description  關P Supervisory Circuits in 4-Bump (2 x 2) Chip-Scale Package
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6403 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX6403 Datasheet HTML 1Page - Maxim Integrated Products MAX6403 Datasheet HTML 2Page - Maxim Integrated Products MAX6403 Datasheet HTML 3Page - Maxim Integrated Products MAX6403 Datasheet HTML 4Page - Maxim Integrated Products MAX6403 Datasheet HTML 5Page - Maxim Integrated Products MAX6403 Datasheet HTML 6Page - Maxim Integrated Products MAX6403 Datasheet HTML 7Page - Maxim Integrated Products MAX6403 Datasheet HTML 8Page - Maxim Integrated Products MAX6403 Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
µP Supervisory Circuits in 4-Bump (2
✕ 2)
Chip-Scale Package
4
_______________________________________________________________________________________
Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)
0.2
0
0.6
0.4
1.2
1.0
0.8
1.4
-40
0
-20
20
40
60
80
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
VCC = 5V
VCC = 3.3V
VCC = 1.2V
0
50
150
100
200
250
-40
0
-20
20
40
60
80
POWER-DOWN RESET DELAY
vs. TEMPERATURE
TEMPERATURE (
°C)
VOD = 10mV
VOD = 20mV
VOD = 100mV
VOD = 200mV
VOD = OVERDRIVE VOLTAGE
130
150
140
170
160
200
190
180
210
-40
0
-20
20
40
60
80
POWER-UP RESET TIMEOUT
vs. TEMPERATURE
TEMPERATURE (
°C)
0
1
1000
100
10
MAXIMUM TRANSIENT DURATION
vs. THRESHOLD OVERDRIVE
500
200
100
400
300
THRESHOLD OVERDRIVE VTH - VCC (mV)
RESET/RESET IS
ASSERTED
ABOVE LINE



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com