Electronic Components Datasheet Search
  English  ▼

X  

MAX6403 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX6403
Description  關P Supervisory Circuits in 4-Bump (2 x 2) Chip-Scale Package
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6403 Datasheet(HTML) 7 Page - Maxim Integrated Products

  MAX6403 Datasheet HTML 1Page - Maxim Integrated Products MAX6403 Datasheet HTML 2Page - Maxim Integrated Products MAX6403 Datasheet HTML 3Page - Maxim Integrated Products MAX6403 Datasheet HTML 4Page - Maxim Integrated Products MAX6403 Datasheet HTML 5Page - Maxim Integrated Products MAX6403 Datasheet HTML 6Page - Maxim Integrated Products MAX6403 Datasheet HTML 7Page - Maxim Integrated Products MAX6403 Datasheet HTML 8Page - Maxim Integrated Products MAX6403 Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
µP Supervisory Circuits in 4-Bump (2
✕ 2)
Chip-Scale Package
_______________________________________________________________________________________
7
Reset Threshold Voltage, VTH (V)
TA = +25
°CT A = -40°C to +85°C
PARTS
SUFFIX
MIN
TYP
MAX
MIN
MAX
22*
2.167
2.200
2.233
2.145
2.250
23*
2.285
2.320
2.355
2.262
2.375
24
2.364
2.400
2.436
2.340
2.460
25
2.462
2.500
2.537
2.437
2.562
26*
2.591
2.630
2.669
2.564
2.692
27
2.660
2.700
2.741
2.633
2.768
28
2.758
2.800
2.842
2.730
2.870
29*
2.886
2.930
2.974
2.857
3.000
30
2.955
3.000
3.045
2.925
3.075
MAX6400BS
MAX6401BS
MAX6402BS
31*
3.034
3.080
3.126
3.003
3.150
33
3.250
3.300
3.350
3.217
3.383
34
3.349
3.400
3.451
3.315
3.485
35
3.447
3.500
3.552
3.412
3.587
36
3.546
3.600
3.654
3.510
3.690
37
3.644
3.700
3.755
3.607
3.792
38
3.743
3.800
3.857
3.705
3.895
39
3.841
3.900
3.958
3.802
3.997
40
3.940
4.000
4.060
3.900
4.100
41
4.038
4.100
4.161
3.997
4.202
42
4.137
4.200
4.263
4.095
4.305
43
4.235
4.300
4.364
4.192
4.407
44*
4.314
4.380
4.446
4.270
4.489
45
4.432
4.500
4.567
4.387
4.612
MAX6403BS
MAX6404BS
MAX6405BS
46*
4.560
4.630
4.699
4.514
4.746
Table 1. Factory Trimmed Reset Thresholds*
Factory-trimmed voltage thresholds are available in approximately 100mV increments with a 1.5% room-temperature variance.
*Note: Parts marked with an asterisk (*) are standard versions.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com