Electronic Components Datasheet Search
  English  ▼

X  

UCD3138128 Datasheet(PDF) 53 Page - Texas Instruments

Click here to check the latest version.
Part # UCD3138128
Description  UCD3138x Highly-Integrated Digital Controller For Isolated Power
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCD3138128 Datasheet(HTML) 53 Page - Texas Instruments

Back Button UCD3138128 Datasheet HTML 49Page - Texas Instruments UCD3138128 Datasheet HTML 50Page - Texas Instruments UCD3138128 Datasheet HTML 51Page - Texas Instruments UCD3138128 Datasheet HTML 52Page - Texas Instruments UCD3138128 Datasheet HTML 53Page - Texas Instruments UCD3138128 Datasheet HTML 54Page - Texas Instruments UCD3138128 Datasheet HTML 55Page - Texas Instruments UCD3138128 Datasheet HTML 56Page - Texas Instruments UCD3138128 Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 80 page
background image
UCD3138128, UCD3138A64
www.ti.com
SLUSBZ8A – JUNE 2014 – REVISED SEPTEMBER 2014
9.5 Register Maps
9.5.1 CPU Memory Map And Interrupts
When the device comes out of power-on-reset, the data memories are mapped to the processor as follows:
9.5.1.1 Memory Map (After Reset Operation)
ADDRESS
SIZE (BYTES)
MODULE
0x0000_0000 – 0x0003_FFFF
32 X 8 k
Boot ROM
In 32 repeated blocks of 8 k each
0x0004_0000 – 0x0004_7FFF
32 k
Program Flash 0
0x0004_8000 – 0x0004_FFFF
32 k
Program Flash 1
0x0005_0000_0x0005_7FFF
32 k
Program Flash 2
0x0005_0000_0x0005_7FFF
32 k
Program Flash 3
0x0006_9800 – 0x0006_9FFF
2 k
Data Flash
0x0006_A000 – 0x0006_BFFF
8 k
Data RAM
9.5.1.2 Memory Map (Normal Operation)
Just before the boot ROM program gives control to flash program, the ROM configures the memory as follows:
ADDRESS
SIZE (BYTES)
MODULE
0x0002_0000 – 0x0002_1FFF
8 k
Boot ROM
0x0000_0000 – 0x00000_07FFF
32 k
Program Flash 0 (or 1)
0x0000_8000 – 0x08000_0FFFF
32 k
Program Flash 1 (or 0)
0x0000_8000 - 0x10000_17FFF
32 k
Program Flash 2 (or 0 for UCD3138128 only)
0x0000_8000 - 0x18000_1FFFF
32 k
Program Flash 3 (or 1 for UCD3138128 only)
0x0006_9800 – 0x0006_9FFF
2 k
Data Flash
0x0006_A000 – 0x0006_BFFF
8 k
Data RAM
9.5.1.3 Memory Map (System And Peripherals Blocks)
ADDRESS
SIZE
MODULE
0x0012_0000 - 0x0012_00FF
256
Loop Mux
0x0013_0000 - 0x0013_00FF
256
Fault Mux
0x0014_0000 - 0x0014_00FF
256
ADC
0x0015_0000 - 0x0015_00FF
256
DPWM 3
0x0016_0000 - 0x0016_00FF
256
Filter 2
0x0017_0000 - 0x0017_00FF
256
DPWM 2
0x0018_0000 - 0x0018_00FF
256
Front End/Ramp Interface 2
0x0019_0000 - 0x0019_00FF
256
Filter 1
0x001A_0000 - 0x001A_00FF
256
DPWM 1
0x001B_0000 – 0x001B_00FF
256
Front End/Ramp Interface 1
0x001C_0000 - 0x001C_00FF
256
Filter 0
0x001D_0000 - 0x001D_00FF
256
DPWM 0
0x001E_0000 - 0x001E_00FF
256
Front End/Ramp Interface 0
0xFFF7_E400 - 0xFFF7_34FF
256
RTC
0xFFF7_EC00 - 0xFFF7_ECFF
256
UART 0
0xFFF7_ED00 - 0xFFF7_EDFF
256
UART 1
0xFFF7_F000 - 0xFFF7_F0FF
256
Miscellaneous Analog Control
0xFFF7_F600 - 0xFFF7_F6FF
256
PMBus/I2C Interface (1)
0xFFF7_F700 - 0xFFF7_F7FF
256
PMBus/I2C Interface (2)
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
53
Product Folder Links: UCD3138128 UCD3138A64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com