Electronic Components Datasheet Search
  English  ▼

X  

UCD3138128 Datasheet(PDF) 54 Page - Texas Instruments

Click here to check the latest version.
Part # UCD3138128
Description  UCD3138x Highly-Integrated Digital Controller For Isolated Power
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCD3138128 Datasheet(HTML) 54 Page - Texas Instruments

Back Button UCD3138128 Datasheet HTML 50Page - Texas Instruments UCD3138128 Datasheet HTML 51Page - Texas Instruments UCD3138128 Datasheet HTML 52Page - Texas Instruments UCD3138128 Datasheet HTML 53Page - Texas Instruments UCD3138128 Datasheet HTML 54Page - Texas Instruments UCD3138128 Datasheet HTML 55Page - Texas Instruments UCD3138128 Datasheet HTML 56Page - Texas Instruments UCD3138128 Datasheet HTML 57Page - Texas Instruments UCD3138128 Datasheet HTML 58Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 80 page
background image
Does PFLASH 0 have a
BRANCH instruction at the
beginning?
Is there a valid checksum on
the first 2 kB of PFLASH 0,
all 32 kB of PFLASH 0,
all 64 kB of PFLASH 0 & 1?
BRANCH to
Program Flash 0
Stay in ROM
Yes
No
Yes
No
Device Reset
UCD3138128, UCD3138A64
SLUSBZ8A – JUNE 2014 – REVISED SEPTEMBER 2014
www.ti.com
ADDRESS
SIZE
MODULE
0xFFF7_FA00 - 0xFFF7_FAFF
256
GIO
0xFFF7_FD00 - 0xFFF7_FDFF
256
Timer
0xFFFF_FD00 - 0xFFFF_FDFF
256
MMC
0xFFFF_FE00 - 0xFFFF_FEFF
256
DEC
0xFFFF_FF20 - 0xFFFF_FF37
23
CIM
0xFFFF_FFD0 - 0xFFFF_FFEC
28
SYS
The registers and bit definitions inside the System and Peripheral blocks are detailed in the programmer’s
manuals.
9.5.2 Boot ROM
The device incorporates a 8 kB boot ROM. This boot ROM includes support for:
•
Program download through the PMBus
•
Device initialization
•
Examining and modifying registers and memory
•
Verifying and executing program flash automatically
•
Jumping to a customer defined boot program
•
Checksum evaluation to support using the program flash as a single 64 kB block or as 2-32 kB blocks.
The Boot ROM is entered automatically on device reset. It initializes the device and then performs checksums on
the program flash. If the first 2 kB of program FLASH 0 has a valid checksum, the program branches to location
0 in Program FLASH 0. This permits the use of a custom boot program. If the first checksum fails, it performs
some additional checksum calculations to determine where the valid program is located. This permits full
automated program memory checking, when there is no need for a custom boot program. The complete decision
tree is located in Figure 35. Additionally, the part can support two separate programs in block 0 and block 1
through a custom boot-flash routine.
Figure 35. Check Sum Evaluation Flowchart, 64 kB
54
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: UCD3138128 UCD3138A64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com