Electronic Components Datasheet Search
  English  ▼

X  

MAX640 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX640
Description  5V/3.3V/3V/Adjustable, High-Efficiency, Low IQ, Step-Down DC-DC Converters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX640 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX640 Datasheet HTML 4Page - Maxim Integrated Products MAX640 Datasheet HTML 5Page - Maxim Integrated Products MAX640 Datasheet HTML 6Page - Maxim Integrated Products MAX640 Datasheet HTML 7Page - Maxim Integrated Products MAX640 Datasheet HTML 8Page - Maxim Integrated Products MAX640 Datasheet HTML 9Page - Maxim Integrated Products MAX640 Datasheet HTML 10Page - Maxim Integrated Products MAX640 Datasheet HTML 11Page - Maxim Integrated Products MAX640 Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Figure 2 shows what happens to the ideal circuit of
Figure 1 if the switch turns on with a 66% duty cycle and
V+ = 3/2 VOUT. The inductor current rises more slowly
than it falls because the magnitude of the voltage
applied during tON is less than that applied during tOFF.
Varying the duty cycle and switching frequency keeps
the peak current constant as input voltage varies. The
MAX639/MAX640/MAX653 control the switch (tON and
tOFF) according to the following equations:
Equation (1) tON = 50µsV / (V+ - VOUT)
Equation (2) tOFF
≥ 50µsV / VOUT
Equation (3) IPEAK = 50µsV / L
These three equations ensure constant peak currents for
a given inductor value, across all input voltages (ignoring
the voltage drop across the diode (D1) and the resistive
losses in the switch and inductor). The variable duty
cycle also ensures that the current through the inductor
discharges to zero at the end of each pulse.
Figure 3 shows the MAX639/MAX640/MAX653 block dia-
gram and a typical connection in which 9V is converted
to 5V (MAX639), 3.3V (MAX640), or 3.0V (MAX653). The
sequence of events in this application is as follows:
When the output dips:
(1) The error comparator switches high.
(2) The internal oscillator starts (15µs start-up time)
and connects to the gate of the LX output driver.
(3) LX turns on and off according to tON and tOFF,
charging and discharging the inductor, and sup-
plying current to the output (as described above).
When the output voltage recovers:
(1) The comparator switches low.
(2) LX turns off.
(3) The oscillator shuts down to save power.
Fixed or Adjustable Output
For operation at the preset output voltage, connect VFB
to GND; no external resistors are required. For other
output voltages, use an external voltage divider. Set the
output voltage using R3 and R4 as determined by the
following formula:
R3 = R4 [(VOUT / VFB Threshold) - 1]
where R4 is any resistance in the 10k
Ω to 1MΩ range (typ-
ically 100k
Ω), and the VFB threshold is typically 1.28V.
5V/3.3V/3V/Adjustable, High-Efficiency,
Low IQ, Step-Down DC-DC Converters
8
_______________________________________________________________________________________
MAX639
MAX640
MAX653
VARIABLE
FREQUENCY
AND
DUTY-CYCLE
OSCILLATOR
ERROR
COMPARATOR
LOW-BATTERY
COMPARATOR
+1.28V
BANDGAP
REFERENCE
MODE-SELECT
COMPARATOR
COUT
100
µF
1N5817
L = 100
µH
5V, 3.3V OR 3.0V
AT 100mA
5
1
LX
VOUT
50mV
GND
4
VFB
7
R2
2
3
LBO
LBI
R1
CIN
33
µF
INPUT, +5.5V TO +11.5V (MAX639),
+3.8V TO +11.5V (MAX640), +3.5V TO +11.5V (MAX653)
8
6
SHDN
V+
Figure 3. Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com