Electronic Components Datasheet Search
  English  ▼

X  

MAX640 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX640
Description  5V/3.3V/3V/Adjustable, High-Efficiency, Low IQ, Step-Down DC-DC Converters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX640 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX640 Datasheet HTML 4Page - Maxim Integrated Products MAX640 Datasheet HTML 5Page - Maxim Integrated Products MAX640 Datasheet HTML 6Page - Maxim Integrated Products MAX640 Datasheet HTML 7Page - Maxim Integrated Products MAX640 Datasheet HTML 8Page - Maxim Integrated Products MAX640 Datasheet HTML 9Page - Maxim Integrated Products MAX640 Datasheet HTML 10Page - Maxim Integrated Products MAX640 Datasheet HTML 11Page - Maxim Integrated Products MAX640 Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Low-Battery Detector
The low-battery detector compares the voltage on the
LBI input with the internal 1.28V reference. LBO goes
low whenever the input voltage at LBI is less than
1.28V. Set the low-battery detection voltage with resis-
tors R1 and R2 (Figure 3) as determined by the follow-
ing formula:
R1 = R2 [(VLB / LBI Threshold) - 1]
where R2 is any resistance in the 10k
Ω to 1MΩ range
(typically 100k
Ω), the LBI threshold is typically 1.28V,
and VLB is the desired low-battery detection voltage.
The low-battery comparator remains active in shutdown
mode.
Shutdown Mode
Bringing SHDN below 0.8V places the MAX639/
MAX640/MAX643 in shutdown mode. LX becomes high
impedance, and the voltage at VOUT falls to zero. The
time required for the output to rise to its nominal regu-
lated voltage when brought out of shutdown (start-up
time) depends on the inductor value, input voltage, and
load current (see the Start-Up Time vs. Output Current
graph in the
Typical Operating Characteristics). The
low-battery comparator remains active in shutdown
mode.
__________Applications Information
Inductor Selection
When selecting an inductor, consider these four factors:
peak-current rating, inductance value, series resistance,
and size. It is important not to exceed the inductor’s
peak-current rating. A saturated inductor will pull exces-
sive currents through the MAX639/MAX640/MAX653’s
switch, and may cause damage. Avoid using RF chokes
or air-core inductors since they have very low peak-cur-
rent ratings. Electromagnetic interference must not upset
nearby circuitry or the regulator IC. Ferrite-bobbin types
work well for most digital circuits; toroids or pot cores
work well for EMI-sensitive analog circuits.
Recall that the inductance value determines IPEAK for all
input voltages (Equation 3). If there are no resistive loss-
es and the diode is ideal, the maximum average current
that can be drawn from the MAX639/MAX640/MAX653
will be one-half IPEAK. With the real losses in the switch,
inductor, and diode taken into account, the real maxi-
mum output current typically varies from 90% to 50% of
the ideal. The following steps describe a conservative
way to pick an appropriate inductor.
Step 1:
Decide on the maximum required output
current, in amperes: IOUTMAX.
Step 2:
IPEAK = 4 x IOUTMAX.
5V/3.3V/3V/Adjustable, High-Efficiency,
Low IQ, Step-Down DC-DC Converters
_______________________________________________________________________________________
9
Table 1. Component Suppliers
MAXL001*
0.65 x 0.33 dia.
100
1.75
7300-13**
0.63 x 0.26 dia.
100
0.89
7300-15**
0.63 x 0.26 dia.
150
0.72
7300-17**
0.63 x 0.26 dia.
220
0.58
7300-19**
0.63 x 0.26 dia.
330
0.47
7300-21**
0.63 x 0.26 dia.
470
0.39
7300-25**
0.63 x 0.26 dia.
1000
0.27
PART
NUMBER
SIZE
(mm)
VALUE
(µH)
IMAX
(A)
CD54
5.2 x 5.8 x 4.5
100
0.52
CD54
5.2 x 5.8 x 4.5
220
0.35
CDR74
7.1 x 7.7 x 4.5
100
0.52
CDR74
7.1 x 7.7 x 4.5
220
0.35
CDR105
9.2 x 10.0 x 5.0
100
0.80
CDR105
9.2 x 10.0 x 5.0
220
0.54
PART
NUMBER
SIZE
(inches)
VALUE
(µF)
ESR
(
Ω)
MAXC001*
150
0.2
267 Series**
D SM packages
47
0.2
267 Series**
E SM packages
100
0.2
PART
NUMBER
SIZE
VF
(V)
SE014
SOT89
0.55
SE024
SOT89
0.55
INDUCTORS — THROUGH HOLE
0.2
0.27
0.36
0.45
0.58
0.86
2.00
INDUCTORS — SURFACE MOUNT
SERIES R
(
Ω)
0.63
1.50
0.51
0.98
0.35
0.69
Sumida Electric (USA)
637 East Golf Road
Arlington Heights, IL 60005
(708) 956-0666
CAPACITORS — LOW ESR
VMAX
(V)
35
10
6.3
* Maxim Integrated Products
**Matsuo Electronics
2134 Main Street
Huntington Beach, CA 92648
(714) 969-2491
SCHOTTKY DIODES — SURFACE MOUNT
IMAX
(A)
1
0.95
PART
NUMBER
SIZE
(inches)
VALUE
(µH)
IMAX
(A)
SERIES R
(
Ω)
* Maxim Integrated Products
**Caddell-Burns
258 East Second Street
Mineola, NY 11501-3508
(516) 746-2310
0.49 x 0.394 dia.
Collmer Semiconductor
14368 Proton Road
Dallas, TX 75244
(214) 233-1589
NOTE: This list does not constitute an endorsement by Maxim
Integrated Products and is not intended to be a comprehensive
list of all manufacturers of these components.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com