Electronic Components Datasheet Search
  English  ▼

X  

MAX640 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX640
Description  5V/3.3V/3V/Adjustable, High-Efficiency, Low IQ, Step-Down DC-DC Converters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX640 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX640 Datasheet HTML 4Page - Maxim Integrated Products MAX640 Datasheet HTML 5Page - Maxim Integrated Products MAX640 Datasheet HTML 6Page - Maxim Integrated Products MAX640 Datasheet HTML 7Page - Maxim Integrated Products MAX640 Datasheet HTML 8Page - Maxim Integrated Products MAX640 Datasheet HTML 9Page - Maxim Integrated Products MAX640 Datasheet HTML 10Page - Maxim Integrated Products MAX640 Datasheet HTML 11Page - Maxim Integrated Products MAX640 Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Step 3:
L = 50 / IPEAK. L will be in µH. Do not use an
inductor of less than 100µH.
Step 4:
Make sure that IPEAK does not exceed 0.6A or
the inductor’s maximum current rating,
whichever is lower.
Inductor series resistance affects both efficiency and
dropout voltage. A high series resistance severely limits
the maximum current available at lower input voltages.
Output currents up to 225mA are possible if the induc-
tor has low series resistance. Inductor and series
switch resistance form an LR circuit during tON. If the
L/R time constant is less than the oscillator tON, the
inductor’s peak current will fall short of the desired
IPEAK.
To maximize efficiency, choose the highest-value
inductor that will provide the required output current
over the whole range of your input voltage (see
Typical
Operating Characteristics). Inductors with peak cur-
rents in the 600mA range do not need to be very large.
They are about the size of a 1W resistor, with surface-
mount versions less than 5mm in diameter. Table 1 lists
suppliers of inductors suitable for use with the
MAX639/MAX640/MAX653.
Output Filter Capacitor
The MAX639/MAX640/MAX653’s output ripple has two
components. One component results from the variation
in stored charge on the filter capacitor with each LX
pulse. The other is the product of the current into the
capacitor and the capacitor’s equivalent series resis-
tance (ESR).
The amount of charge delivered in each oscillator pulse
is determined by the inductor value and input voltage.
It decreases with larger inductance, but increases as
the input voltage lessens. As a general rule, a smaller
amount of charge delivered in each pulse results in
less output ripple.
With low-cost aluminum electrolytic capacitors, the
ESR-induced ripple can be larger than that caused by
the charge variation. Consequently, high-quality alu-
minum-electrolytic or tantalum filter capacitors will mini-
mize output ripple. Best results at reasonable cost are
typically achieved with an aluminum-electrolytic capac-
itor in the 100µF range, in parallel with a 0.1µF ceramic
capacitor (Table 1).
External Diode
In most MAX639/MAX640/MAX653 circuits, the current
in the external diode (D1, Figure 3) changes abruptly
from zero to its peak value each time LX switches off.
To avoid excessive losses, the diode must have a fast
turn-on time. For low-power circuits with peak currents
less than 100mA, signal diodes such as the 1N4148
perform well. The 1N5817 diode works well for high-
power circuits, or for maximum efficiency at low power.
1N5817 equivalent diodes are also available in surface-
mount packages (Table 1). Although the 1N4001 and
other general-purpose rectifiers are rated for high cur-
rents, they are unacceptable because their slow turn-
off times result in excessive losses.
Minimum Load
Under no-load conditions, because of leakage from the
PMOS power switch (see the LX Leakage Current vs.
Temperature graph in the
Typical Operating
Characteristics) and from the internal resistor from V+
to VOUT, leakage current may be supplied to the output
5V/3.3V/3V/Adjustable, High-Efficiency,
Low IQ, Step-Down DC-DC Converters
10
______________________________________________________________________________________
GND
MAX639
MAX640
MAX653
SHDN
6
VOUT
4
LBI
L = 100
µH
3
1
5
CIN
100
µF
1N5817
COUT
100
µF
VFB 7
R3
R4
8
V+
LX
OUTPUT
INPUT
+4.0V TO +11.5V
Figure 4. Adjustable-Output Operation
MAX639
MAX640
MAX653
Figure 5. Through-Hole PC Layout and Component Placement
Diagram for Standard Step-Down Application (Top-Side View)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com