Electronic Components Datasheet Search
  English  ▼

X  

MAX6629 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX6629
Description  12-Bit Sign Digital Temperature Sensors with Serial Interface
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6629 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX6629 Datasheet HTML 1Page - Maxim Integrated Products MAX6629 Datasheet HTML 2Page - Maxim Integrated Products MAX6629 Datasheet HTML 3Page - Maxim Integrated Products MAX6629 Datasheet HTML 4Page - Maxim Integrated Products MAX6629 Datasheet HTML 5Page - Maxim Integrated Products MAX6629 Datasheet HTML 6Page - Maxim Integrated Products MAX6629 Datasheet HTML 7Page - Maxim Integrated Products MAX6629 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
12-Bit + Sign Digital Temperature Sensors
with Serial Interface
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
All Voltages Referenced to GND
VCC ...........................................................................-0.3V, +6.0V
SO, SCK, CS ....................................................-0.3V, VCC + 0.3V
SO .......................................................................-1mA to +50mA
Current into Any Pin ............................................................10mA
Continuous Power Dissipation (TA = +70°C)
6-Pin SOT23 (derate 9.10mW/°C above +70°C)..........727mW
Junction Temperature ......................................................+150°C
Operating Temperature Range (Note 1) ...........-55°C to +150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature .............................................................Note 2
ELECTRICAL CHARACTERISTICS
(VCC = +3.0V to +5.5V, TA = -55°C to +125°C, unless otherwise noted. Typical values are at VCC = +3.3V and TA = +25°C.) (Notes 3
and 4)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
TEMPERATURE
TA = room temp, VCC = +3.3V
-0.8
±0.2
+0.8
0°C
≤ TA ≤ +70°C, VCC = +3.3V
-1.0
±0.2
+1.0
-20°C
≤ TA ≤ +85°C, VCC = +3.3V
-1.6
+0.3
+1.6
-20°C
≤ TA ≤ +100°C, VCC = +3.3V
-2.3
+0.5
+2.3
°C
-40°C
≤ TA ≤ +125°C, VCC = +3.3V
-3.2
+0.8
+3.2
TA
≥ -55°C, VCC = +3.3V
-1.0
+1.5
+3.5
Accuracy
TA = +150°C, VCC = +3.3V
-5.0
+1.5
+6.5
Power-Supply Sensitivity
PSS
0.2
0.6
°C/V
Resolution
0.0625
°C
MAX6629, MAX6630,
CS high
0.37
0.5
0.65
Time Between Conversion Starts
tSAMPLE
MAX6631, MAX6632,
CS high
5.9
8
10.5
s
Conversion Time
tCONV
180
250
320
ms
POWER SUPPLY
Supply Voltage Range
VCC
3.0
5.5
V
ISD
Shutdown (Note 4), VCC = +0.8V
5
IIDLE
ADC idle (Figure 2),
CS = low
6
20
Supply Current, SCK Idle
ICONV
ADC converting (Figure 2)
360
650
µA
MAX6629, MAX6630
200
400
Average Operating Current
ICC
MAX6631, MAX6632
32
50
µA
Power-On Reset (POR)
Threshold
VCC falling
1.6
V
Note 1: It is not recommended to operate the device above +125°C for extended periods of time.
Note 2: This device is constructed using a unique set of packaging techniques that impose a limit on the thermal profile the device
can be exposed to during board-level solder attach and rework. This limit permits only the use of the solder profiles
recommended in the industry-standard specification, JEDEC 020A, paragraph 7.6, Table 3 for IR/VPR and Convection
Reflow. Preheating is required. Hand or wave soldering is not allowed.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com