Electronic Components Datasheet Search
  English  ▼

X  

MAX6629 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX6629
Description  12-Bit Sign Digital Temperature Sensors with Serial Interface
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6629 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX6629 Datasheet HTML 1Page - Maxim Integrated Products MAX6629 Datasheet HTML 2Page - Maxim Integrated Products MAX6629 Datasheet HTML 3Page - Maxim Integrated Products MAX6629 Datasheet HTML 4Page - Maxim Integrated Products MAX6629 Datasheet HTML 5Page - Maxim Integrated Products MAX6629 Datasheet HTML 6Page - Maxim Integrated Products MAX6629 Datasheet HTML 7Page - Maxim Integrated Products MAX6629 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
12-Bit + Sign Digital Temperature Sensors
with Serial Interface
4
_______________________________________________________________________________________
100
200
150
300
250
400
350
-55
-5
20
45
-30
70
95
120 145
OPERATING SUPPLY CURRENT vs.
TEMPERATURE
TEMPERATURE (°C)
MAX6629
VCC = +5.5V VCC = +4.5V
VCC = +5.0V
VCC = +3.0V
VCC = +3.3V
VCC = +3.6V
0.6
1.0
0.8
1.4
1.2
1.8
1.6
2.0
2.4
2.2
2.6
-55
-5
20
45
-30
70
95
120 145
POWER-ON RESET (POR)
THRESHOLD vs.TEMPERATURE
TEMPERATURE (
°C)
-4
-2
-3
0
-1
2
1
3
-55
-5
20
45
-30
70
95
120 145
TEMPERATURE ERROR vs.
TEMPERATURE
TEMPERATURE (
°C)
MAX6629
10
100k
10M
1k
100
10k
1M
100M
TEMPERATURE ERROR vs.
POWER-SUPPLY NOISE FREQUENCY
FREQUENCY (Hz)
0
4
2
6
8
10
12
VIN = SQUARE WAVE
APPLIED TO VCC WITH NO
0.1
µF CAPACITOR
VIN = 250mVp-p
0
25
50
75
100
125
-2
2
0
4
6
8
10
12
14
RESPONSE TO THERMAL SHOCK
TIME (s)
Typical Operating Characteristics
(VCC = +3.3V, TA = +25°C, unless otherwise noted.)
PIN
MAX6629
MAX6631
MAX6630
MAX6632
NAME
FUNCTION
1
2
N.C.
No Connect. Connect to ground plane for better thermal performance to the PC board.
2
1
GND
Ground
33
VCC
Supply Voltage Input. Bypass VCC to GND with a 0.1µF capacitor. VCC can also be
powered from a logic output as long as the voltage level is greater than 3.0V and the logic
output is not noisy. Setting the logic output low provides a hardware shutdown mode.
4
4
SCK
Serial Clock Input
55
CS
Chip-Select Input. Enables the interface. A rising edge off
CS initiates the next conversion.
Pulling
CS low initiates an idle state.
6
6
SO
Serial Data Output
Pin Description



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com