Electronic Components Datasheet Search
  English  ▼

X  

MAX6629 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX6629
Description  12-Bit Sign Digital Temperature Sensors with Serial Interface
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6629 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX6629 Datasheet HTML 1Page - Maxim Integrated Products MAX6629 Datasheet HTML 2Page - Maxim Integrated Products MAX6629 Datasheet HTML 3Page - Maxim Integrated Products MAX6629 Datasheet HTML 4Page - Maxim Integrated Products MAX6629 Datasheet HTML 5Page - Maxim Integrated Products MAX6629 Datasheet HTML 6Page - Maxim Integrated Products MAX6629 Datasheet HTML 7Page - Maxim Integrated Products MAX6629 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
12-Bit + Sign Digital Temperature Sensors
with Serial Interface
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VCC = +3.0V to +5.5V, TA = -55°C to +125°C, unless otherwise noted. Typical values are at VCC = +3.3V and TA = +25°C.) (Notes 3
and 4)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
LOGIC INPUTS (
CS, SCK)
Logic Input Low Voltage
VIL
0.3 x
VCC
V
Logic Input High Voltage
VIH
0.7 x
VCC
V
Input Leakage Current
ILEAK
VIN = GND or +5.5V
±1±5
µA
LOGIC OUTPUTS (SO)
Output Low Voltage
VOL
ISINK = 1.6mA
0.4
V
Output High Voltage
VOH
ISOURCE = 1.6mA
VCC - 0.4
V
TIMING CHARACTERISTICS (Notes 5 and 6)
Serial Clock Frequency
fSCL
5
MHz
SCK Pulse Width High
tCH
100
ns
SCK Pulse Width Low
tCL
100
ns
CS Fall to SCK Rise
tCSS
CLOAD = 10pF
80
ns
CS Fall to Output Enable
tDV
CLOAD = 10pF
80
ns
CS Rise to Output Disable
tTR
CLOAD = 10pF
50
ns
SCK Fall to Output Data Valid
tDO
CLOAD = 10pF
80
ns
Note 3: Tested at a single temperature. Specifications over temperature are guaranteed by design.
Note 4: MAX6629–MAX6632 are not specifically equipped with a shutdown function. Their low supply current permits powering
them from the output of a logic gate. This specification is given to ensure that the MAX6629–MAX6632 do not draw
excessive currents at low supply voltages, ensuring reliable operation from a gate output.
Note 5: Timing characteristics are guaranteed by design and are not production tested.
Note 6: CLOAD = total capacitance of one bus line in picofarads.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com