Electronic Components Datasheet Search
  English  ▼

X  

MAX6821 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX6821
Description  Low-Voltage SOT23 關P Supervisors with Manual Reset and Watchdog Timer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6821 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX6821 Datasheet HTML 1Page - Maxim Integrated Products MAX6821 Datasheet HTML 2Page - Maxim Integrated Products MAX6821 Datasheet HTML 3Page - Maxim Integrated Products MAX6821 Datasheet HTML 4Page - Maxim Integrated Products MAX6821 Datasheet HTML 5Page - Maxim Integrated Products MAX6821 Datasheet HTML 6Page - Maxim Integrated Products MAX6821 Datasheet HTML 7Page - Maxim Integrated Products MAX6821 Datasheet HTML 8Page - Maxim Integrated Products MAX6821 Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Low-Voltage SOT23 µP Supervisors with
Manual Reset and Watchdog Timer
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VCC = +4.5V to +5.5V for MAX682_L/M, VCC = +2.7V to +3.6V for MAX682_T/S/R, VCC = +2.1V to +2.75V for MAX682_Z/Y, VCC =
+1.53V to +2.0V for MAX682_W/V, TA = -40°C to +125°C, unless otherwise specified. Typical values are at TA = +25°C.) (Note 1)
Note 1: Over-temperature limits are guaranteed by design and not production tested. Devices tested at TA = +25°C.
Note 2: Guaranteed by design and not production tested.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
TA = -40
°C to +85°C
140
200
280
Reset Timeout Period
tRP
TA = -40
°C to +125°C
100
320
ms
VCC
≥ 1.0V, ISINK = 50µA, reset asserted,
TA = 0
°C to +85°C
0.3
VCC
≥ 1.2V, ISINK = 100µA, reset asserted
0.3
VCC
≥ 2.55V, ISINK = 1.2mA, reset asserted
0.3
RESET Output LOW
(Push-Pull or Open-Drain)
VOL
VCC
≥ 4.25V, ISINK = 3.2mA, reset asserted
0.4
V
VCC
≥ 1.8V, ISOURCE = 200µA, reset not
asserted
0.8 ✕ VCC
VCC
≥ 3.15V, ISOURCE = 500µA, reset not
asserted
0.8 ✕ VCC
RESET Output HIGH
(Push-Pull Only)
VOH
VCC
≥ 4.75V, ISOURCE = 800µA, reset not
asserted
0.8 ✕ VCC
V
Open-Drain RESET Output
Leakage Current (Note 1)
ILKG
VCC > VTH, RESET not asserted
1.0
µA
VCC
≥ 1.0V, ISOURCE = 1µA, reset asserted,
TA = 0
°C to +85°C
0.8 ✕ VCC
VCC
≥ 1.50V, ISOURCE = 100µA, reset asserted
0.8 ✕ VCC
VCC
≥ 2.55V, ISOURCE = 500µA, reset asserted
0.8 ✕ VCC
RESET Output HIGH
(Push-Pull Only)
VOH
VCC
≥ 4.25V, ISOURCE = 800µA, reset asserted
0.8 ✕ VCC
V
VCC
≥ 1.8V, ISINK = 500µA, reset not asserted
0.3
VCC
≥ 3.15V, ISINK = 1.2mA, reset not asserted
0.3
RESET Output LOW
(Push-Pull Only)
VOL
VCC
≥ 4.75V, ISINK = 3.2mA, reset not asserted
0.4
V
MANUAL RESET INPUT (MAX6821/MAX6822/MAX6823/MAX6825)
VIL
0.3 ✕ VCC
MR Input Voltage
VIH
0.7 ✕ VCC
V
MR Minimum Input Pulse
1µs
MR Glitch Rejection
100
ns
MR to Reset Delay
200
ns
MR Pullup Resistance
25
50
75
k
Ω
WATCHDOG INPUT (MAX6821/MAX6822/MAX6823/MAX6824)
TA = -40
°C to +85°C
1.12
1.60
2.40
Watchdog Timeout Period
tWD
TA = -40
°C to +125°C
0.80
2.60
s
WDI Pulse Width (Note 2)
tWDI
50
ns
VIL
0.3 ✕ VCC
WDI Input Voltage
VIH
0.7 ✕ VCC
V
WDI = VCC, time average
120
160
WDI Input Current
IWDI
WDI = 0, time average
-20
-15
µA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com