Electronic Components Datasheet Search
  English  ▼

X  

MAX6821 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX6821
Description  Low-Voltage SOT23 關P Supervisors with Manual Reset and Watchdog Timer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6821 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX6821 Datasheet HTML 1Page - Maxim Integrated Products MAX6821 Datasheet HTML 2Page - Maxim Integrated Products MAX6821 Datasheet HTML 3Page - Maxim Integrated Products MAX6821 Datasheet HTML 4Page - Maxim Integrated Products MAX6821 Datasheet HTML 5Page - Maxim Integrated Products MAX6821 Datasheet HTML 6Page - Maxim Integrated Products MAX6821 Datasheet HTML 7Page - Maxim Integrated Products MAX6821 Datasheet HTML 8Page - Maxim Integrated Products MAX6821 Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Low-Voltage SOT23 µP Supervisors with
Manual Reset and Watchdog Timer
_______________________________________________________________________________________
5
Pin Description
PIN NUMBERS
MAX6821 MAX6822 MAX6823 MAX6824 MAX6825
PIN
NAME
FUNCTION
1
1
1
1
RESET
Active-Low Open-Drain or Push-Pull Reset Output. RESET
changes from high to low when the VCC input drops below the
selected reset threshold, MR is pulled low, or the watchdog
triggers a reset. RESET remains low for the reset timeout period
after VCC exceeds the device reset threshold, MR goes low to
high, or the watchdog triggers a reset.
1
3
3
RESET
Active-High Push-Pull Reset Output. RESET changes from low to
high when the VCC input drops below the selected reset threshold,
MR is pulled low, or the watchdog triggers a reset. RESET remains
high for the reset timeout period after VCC exceeds the device
reset threshold, MR goes low to high, or the watchdog triggers a
reset.
2
2
2
2
2
GND
Ground
3
3
3
4
MR
Active-Low Manual Reset Input. Internal 50k
Ω pullup to VCC. Pull
low to force a reset. Reset remains active as long as MR is low
and for the reset timeout period after MR goes high. Leave
unconnected or connect to VCC if unused.
4
4
4
4
WDI
Watchdog Input. If WDI remains high or low for longer than the
watchdog timeout period, the internal watchdog timer runs out and
a reset is triggered for the reset timeout period. The internal
watchdog timer clears whenever reset is asserted, the manual
reset is asserted, or WDI sees a rising or falling edge. If WDI is
left unconnected or is connected to a three-stated buffer output,
the watchdog feature is disabled.
5
5
5
5
5
VCC
Supply Voltage and Input for Reset Threshold Monitor
Detailed Description
RESET/RESET Output
A µP’s reset input starts the µP in a known state. The
MAX6821–MAX6825 µP supervisory circuits assert a
reset to prevent code-execution errors during power-
up, power-down, and brownout conditions. Whenever
VCC falls below the reset threshold, the reset output
asserts low for RESET and high for RESET. Once VCC
exceeds the reset threshold, an internal timer keeps the
reset output asserted for the specified reset timeout
period (tRP); after this interval, reset output returns to its
original state (see Figure 2).
Manual Reset Input
Many µP-based products require manual reset capabil-
ity, allowing the operator, a test technician, or external
logic circuitry to initiate a reset. On the MAX6821/
MAX6822/MAX6823/MAX6825, a logic low on MR
asserts a reset. Reset remains asserted while MR is
low, and for the timeout period (140ms min) after it
returns high. MR has an internal 50k
Ω pullup resistor,
so it can be left open if not used. This input can be dri-
ven with CMOS logic levels or with open-drain/collector
outputs. Connect a normally open momentary switch
from MR to GND to create a manual reset function;
external debounce circuitry is not required. If MR is dri-
ven from long cables or the device is used in a noisy
environment, connect a 0.1µF capacitor from MR to
GND to provide additional noise immunity.
Watchdog Input
In the MAX6821–MAX6824, the watchdog circuit moni-
tors the µP’s activity. If the µP does not toggle (low to
high or high to low) the watchdog input (WDI) within the
watchdog timeout period (1.6s nominal), reset asserts
for the reset timoeout period. The internal 1.6s timer
can be cleared by either a reset pulse or by toggling
WDI. The WDI can detect pulses as short as 50ns.
While reset is asserted, the timer remains cleared and
does not count. As soon as reset is released, the timer
starts counting (see Figure 3).



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com