Electronic Components Datasheet Search
  English  ▼

X  

MAX6821 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX6821
Description  Low-Voltage SOT23 關P Supervisors with Manual Reset and Watchdog Timer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6821 Datasheet(HTML) 7 Page - Maxim Integrated Products

  MAX6821 Datasheet HTML 1Page - Maxim Integrated Products MAX6821 Datasheet HTML 2Page - Maxim Integrated Products MAX6821 Datasheet HTML 3Page - Maxim Integrated Products MAX6821 Datasheet HTML 4Page - Maxim Integrated Products MAX6821 Datasheet HTML 5Page - Maxim Integrated Products MAX6821 Datasheet HTML 6Page - Maxim Integrated Products MAX6821 Datasheet HTML 7Page - Maxim Integrated Products MAX6821 Datasheet HTML 8Page - Maxim Integrated Products MAX6821 Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Resets are issued to the µP during power-up, power-
down, and brownout conditions. The Typical Operating
Characteristics show a graph of the MAX6821–
MAX6825’s Maximum VCC Transient Duration vs. Reset
Threshold Overdrive, for which reset pulses are not
generated. The graph was produced using negative-
going VCC pulses, starting at the standard monitored
voltage and ending below the reset threshold by the
magnitude indicated (reset threshold overdrive). The
graph shows the maximum pulse width that a negative-
going VCC transient can typically have without trigger-
ing a reset pulse. As the amplitude of the transient
increases (i.e., goes farther below the reset threshold),
the maximum allowable pulse width decreases.
Typically, a VCC transient that goes 100mV below the
reset threshold and lasts for 20µs or less will not trigger
a reset pulse.
Watchdog Software Considerations
One way to help the watchdog timer monitor software
execution more closely is to set and reset the watch-
dog input at different points in the program, rather than
pulsing the watchdog input high-low-high or low-high-
low. This technique avoids a stuck loop, in which the
watchdog timer would continue to be reset inside the
loop, keeping the watchdog from timing out.
Figure 5 shows an example of a flow diagram where
the I/O driving the watchdog input is set high at the
beginning of the program, set low at the beginning of
every subroutine or loop, then set high again when the
program returns to the beginning. If the program
should hang in any subroutine, the problem would
quickly be corrected, since the I/O is continually set
low and the watchdog timer is allowed to time out,
causing a reset or interrupt to be issued. As described
in the Watchdog Input Current section, this scheme
results in higher time average WDI input current than
does leaving WDI low for the majority of the timeout
period and periodically pulsing it low-high-low.
Low-Voltage SOT23 µP Supervisors with
Manual Reset and Watchdog Timer
_______________________________________________________________________________________
7
Figure 3. Watchdog Timing Relationship
Figure 4. Interfacing Open-Drain RESET to µPs with
Bidirectional Reset I/O
VCC
tWD
tRP
tRP
tRST
WDI
RESET*
*RESET IS THE INVERSE OF RESET.
MAX6822
RESET
GENERATOR
GND
GND
VCC
VCC
RESET
RESET
µP
Figure 5. Watchdog Flow Diagram
START
SET WDI
HIGH
PROGRAM
CODE
SUBROUTINE OR
PROGRAM LOOP
SET WDI LOW
RETURN
MAX6823
µP
VCC
VCC
VCC
GND
MANUAL
RESET
RESET
I/O
RESET
MR
WDI
Typical Operating Circuit



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com