Electronic Components Datasheet Search
  English  ▼

X  

MAX690 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX690
Description  I2C-Compatible RTC in a TDFN
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX690 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX690 Datasheet HTML 9Page - Maxim Integrated Products MAX690 Datasheet HTML 10Page - Maxim Integrated Products MAX690 Datasheet HTML 11Page - Maxim Integrated Products MAX690 Datasheet HTML 12Page - Maxim Integrated Products MAX690 Datasheet HTML 13Page - Maxim Integrated Products MAX690 Datasheet HTML 14Page - Maxim Integrated Products MAX690 Datasheet HTML 15Page - Maxim Integrated Products MAX690 Datasheet HTML 16Page - Maxim Integrated Products MAX690 Datasheet HTML 17Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
I2C-Compatible RTC in a TDFN
______________________________________________________________________________________
13
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Frequency
f
32.768
kHz
Equivalent Series Resistance (ESR)
Rs
40
60
k
Ω
Parallel Load Capacitance
CL
11.2
12.5
13.7
pF
Q Factor
Q
40,000
60,000
Table 4. Quartz Crystal Parameters
MANUFACTURER
MANUFACTURER
PART NO.
TEMP.
RANGE
CL (pF)
+25
°C FREQUENCY
TOLERANCE (ppm)
Abracon Corporation
ABS25-32.768-12.5-B-
-40°C to +85°C
12.5
±20
Caliber Electronics
AWS2A-32.768KHz
-20°C to +70°C
12.5
±20
ECS INC International
ECS-.327-12.5-17
-10°C to +60°C
12.5
±20
Fox Electronics
FSM327
-40°C to +85°C
12.5
±20
M-tron
SX2010/SX2020
-20°C to +75°C
12.5
±20
Raltron
RSE-32.768-12.5-C-T
-10°C to +60°C
12.5
±20
SaRonix
32S12A
-40°C to +85°C
12.5
±20
Table 5. Crystal Manufacturers
RAM burst mode is specified, no data transfer occurs
to any of the RAM locations. Burst writes of data greater
than 31 bytes could cause erroneous data in the
MAX6900.
Power-On Reset (POR)
The MAX6900 contains an integral POR circuit that
ensures all registers are reset to a known state on
power-up. Once VCC rises above 1.6V (typ), the POR
circuit releases the registers for normal operation.
When VCC drops to less than 1.6V (typ), the MAX6900
resets all register contents to the POR defaults.
Oscillator Startup
The MAX6900 oscillator typically takes 5s to 10s to
begin oscillating. To ensure the oscillator is operating
correctly, the software should validate proper time-
keeping. This is accomplished by reading the Seconds
register. Any reading of 1s or more from the POR is a
validation of proper startup.
Reserved Register
This is reserved for factory testing ONLY. Do not write
to this register. If inadvertent Writes are done to this
register, cycle power on the MAX6900.
Crystal Selection
Connect a 32.768kHz watch crystal directly to the
MAX6900 through pin 2 and pin 3 (X1, X2). Use a crys-
tal with a specified load capacitance (CL) of 12.5pF.
See Table 4 for a list of crystal parameters.
Table 5 lists some crystal manufacturers and part num-
bers for their surface-mount 32.768kHz watch crystals
that require 12.5pF. In addition, these manufacturers
offer other package options depending upon the spe-
cific application considerations.
Frequency Stability Overtemperature
Timekeeping accuracy of the MAX6900 is dependent
on the frequency stability of the external crystal. To
Rf
Rd
Cd
25pF
Cg
25pF
EXTERNAL
CRYSTAL
X1
X2
MAX6900
Figure 9. Oscillator Functional Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com