| Electronic Components Datasheet Search |
|
MAX690 Datasheet(PDF) 7 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
MAX690 Datasheet(HTML) 7 Page - Maxim Integrated Products |
|
7 / 17 page ![]() I2C-Compatible RTC in a TDFN _______________________________________________________________________________________ 7 An unlimited number of data bytes between the start and stop conditions can be sent between the transmit- ter and receiver. Each 8-bit byte is followed by an acknowledge bit. Also, a master receiver must gener- ate an acknowledge after each byte it receives that has been clocked out of the slave transmitter. The device that acknowledges must pull down the SDA line during the acknowledge clock pulse (Figure 7), so that the SDA line is stable low during the high period of the acknowledge clock pulse (setup and hold times must also be met). A master receiver must signal an end of data to the transmitter by not generating an acknowledge on the last byte that has been clocked out of the slave. In this case, the transmitter must leave SDA high to enable the master to generate a stop con- dition. Any time a stop condition is received before the current byte of data transfer is complete, the last incom- plete byte is ignored. The second byte of data sent after the start condition is the Address/Command byte (Figure 8). Each data transfer is initiated by an Address/Command byte. The MSB (bit 7) must be a logic 1. When the MSB is zero, Writes to the MAX6900 are disabled. Bit 6 specifies clock/calendar data if logic 0 or RAM data if logic 1 (Tables 1 and 2). Bits 1 through 5 specify the designat- ed registers to be input or output. The LSB (bit 0) spec- ifies a Write operation (input) if logic 0 or Read operation (output) if logic 1. The Command byte is always input starting with the MSB (bit 7). Reading from the Timekeeping Registers The timekeeping registers (Seconds, Minutes, Hours, Date, Month, Day, Year, and Century) read either with a Single Read or a Burst Read. Since the clock runs con- tinuously and a Read takes a finite amount of time, it is possible that the clock counters could change during a Read operation, thereby reporting inaccurate timekeep- ing data. In the MAX6900, the clock counter data is buffered by a latch. Clock counter data is latched by the I2C-bus-compatible read command (on the falling edge of SCL when the Slave Acknowledge bit is sent after the Address/Command byte has been sent by the master to read a timekeeping register). Collision-detection circuitry ensures that this does not happen coincident with a sec- onds counter update to ensure accurate time data is being read. This avoids time data changes during a Read operation. The clock counters continue to count and keep accurate time during the Read operation. When using a Single Read to read each of the time- keeping registers individually, perform error checking D0 D6 D7 DATA OUTPUT BY TRANSMITTER DATA OUTPUT BY RECEIVER SCL FROM MASTER START CONDITION CLOCK PULSE FOR ACKNOWLEDGMENT ACKNOWLEDGE CLK9 CLK1 CLK2 CLK8 89 2 1 NOT ACKNOWLEDGE S Figure 7. I2C Bus Acknowledge Figure 8. Address/Command Byte /CLK RAM /W A2 A1 A3 A4 A5 1 A2 A1 RD A0 A3 A4 A5 A7 A6 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |