Electronic Components Datasheet Search
  English  ▼

X  

MAX690 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX690
Description  I2C-Compatible RTC in a TDFN
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX690 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX690 Datasheet HTML 1Page - Maxim Integrated Products MAX690 Datasheet HTML 2Page - Maxim Integrated Products MAX690 Datasheet HTML 3Page - Maxim Integrated Products MAX690 Datasheet HTML 4Page - Maxim Integrated Products MAX690 Datasheet HTML 5Page - Maxim Integrated Products MAX690 Datasheet HTML 6Page - Maxim Integrated Products MAX690 Datasheet HTML 7Page - Maxim Integrated Products MAX690 Datasheet HTML 8Page - Maxim Integrated Products MAX690 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Detailed Description
The MAX6900 contains eight timekeeping registers,
burst address registers, a control register, an on-chip
32.768kHz oscillator circuit, and a serial 2-wire, I2C-
compatible interface. There are also 31 bytes, 8 bits
wide of SRAM on board. Time and calendar data are
stored in the registers in a binary-coded decimal (BCD)
format. Figure 1 shows an I2C-bus-compatible timing
diagram. Figure 2 shows the MAX6900 functional dia-
gram.
Real-Time Clock
The RTC provides seconds, minutes, hours, day, date,
month, and year information. The end of the month is
automatically adjusted for months with fewer than 31
I2C-Compatible RTC in a TDFN
4
_______________________________________________________________________________________
Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)
0
0.3
0.4
0.1
0.2
0.6
0.5
1.0
0.7
0.8
0.9
1.1
1.4
1.5
1.2
1.3
1.6
1.0
2.0 2.5 3.0
1.5
3.5 4.0 4.5
5.5
5.0
6.0
TIMEKEEPING CURRENT vs. VCC
VCC (V)
Pin Description
PIN
NAME
FUNCTION
1VCC
Power Supply
2
X1
32.768kHz External Crystal
3
X2
32.768kHz External Crystal
4
GND
Ground
5
SCL
I
2C-Bus-Compatible Clock Input
6
SDA
I
2C-Bus-Compatible Data
Input/Output
—
PAD
Ground
Figure 1. Detailed
I2C-Bus Timing Diagrams
PROTOCOL
START
CONDITION
(S)
ACKNOWLEDGE
(A)
STOP
CONDITION
(P)
BIT 7
MSB
(A7)
BIT 0
LSB
(R/W)
BIT 6
(A6)
SCL
tSU:STA
tHD:STA
tHD:DAT
tHD:DAT
tSU:STO
1/fSCL
tHIGH
tLOW
tBUF
tr
tf
SDA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com