Electronic Components Datasheet Search
  English  ▼

X  

LM9044 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM9044
Description  Lambda Sensor Interface Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM9044 Datasheet(HTML) 4 Page - Texas Instruments

  LM9044 Datasheet HTML 1Page - Texas Instruments LM9044 Datasheet HTML 2Page - Texas Instruments LM9044 Datasheet HTML 3Page - Texas Instruments LM9044 Datasheet HTML 4Page - Texas Instruments LM9044 Datasheet HTML 5Page - Texas Instruments LM9044 Datasheet HTML 6Page - Texas Instruments LM9044 Datasheet HTML 7Page - Texas Instruments LM9044 Datasheet HTML 8Page - Texas Instruments LM9044 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
LM9044
SNOSBP4D – FEBRUARY 1995 – REVISED MARCH 2013
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
VCC = 12V, VREF = 5V, −40°C ≤ TA ≤ 125°C unless otherwise noted
(1)
(2)
Parameter
Conditions
Units
Min
Typ
Max
Min
Typ
Max
VCC = 12V, RVCC = 15k
VCC Power Supply Rejection Ratio
50
65
-
-
-
-
dB
VDIFF = 0.5V
VREF = 5 VDC
VREF Power Supply Rejection Ratio
60
74
-
-
-
-
dB
VDIFF = 0.5V
4
Submit Documentation Feedback
Copyright © 1995–2013, Texas Instruments Incorporated
Product Folder Links: LM9044



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com