Electronic Components Datasheet Search
  English  ▼

X  

LM9044 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM9044
Description  Lambda Sensor Interface Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM9044 Datasheet(HTML) 3 Page - Texas Instruments

  LM9044 Datasheet HTML 1Page - Texas Instruments LM9044 Datasheet HTML 2Page - Texas Instruments LM9044 Datasheet HTML 3Page - Texas Instruments LM9044 Datasheet HTML 4Page - Texas Instruments LM9044 Datasheet HTML 5Page - Texas Instruments LM9044 Datasheet HTML 6Page - Texas Instruments LM9044 Datasheet HTML 7Page - Texas Instruments LM9044 Datasheet HTML 8Page - Texas Instruments LM9044 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
LM9044
www.ti.com
SNOSBP4D – FEBRUARY 1995 – REVISED MARCH 2013
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ABSOLUTE MAXIMUM RATINGS
(1) (2)
VCC Supply Voltage (RVCC = 15 kΩ)
±60V
VREF Supply Voltage
−0.3V to +6V
DC Input Voltage (Either input)(3)
−3V to +16V
Input Transients (4)
±60V
Power Dissipation see (5)
1350 mW
Output Short Circuit Duration
Indefinite
Operating Temperature Range
−40°C to +125°C
Storage Temperature Range
−65°C to +150°C
Soldering Information
PLCC Package
Vapor Phase (60 seconds)
215°C
Infrared (15 seconds)
220°C
See http://www.ti.com for other methods of soldering surface mount devices.
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(3)
With a 100
Ω series resistor on each input pin.
(4)
This test is performed with a 1000
Ω source impedance.
(5)
For operation in ambient temperatures above 25°C the device must be derated based on a maximum junction temperature of 150°C and
a thermal resistance of 93°C/W junction to ambient.
ELECTRICAL CHARACTERISTICS
VCC = 12V, VREF = 5V, −40°C ≤ TA ≤ 125°C unless otherwise noted
(1)
(2)
Parameter
Conditions
Units
Min
Typ
Max
Min
Typ
Max
VDIFF = 0.5, −1V ≤ VCM ≤ +1V
4.41
4.50
4.59
-
-
-
V/V
Differential Voltage Gain
VDIFF = 0.5, −3V ≤ VCM ≤ +1V
-
-
-
4.36
4.50
4.64
V/V
0
≤ VDIFF ≤ 1V, −1V ≤ VCM ≤ +1V
−2
0
2
-
-
-
%/FS
Gain Error (3)
0
≤ VDIFF ≤ 1V, −3 ≤ VCM ≤ +1V
-
-
-
−3
0
3
%/FS
0
≤ VDIFF ≤ 1V, −1V ≤ VCM ≤ +1V
0.95
1.20
3.00
-
-
-
M
Ω
Differential Input Resistance
0
≤ VDIFF ≤ 1V, −3 ≤ VCM ≤ +1V
-
-
-
0.70
1.20
4.00
M
Ω
0
≤ VDIFF ≤ 1V, −1 ≤ VCM ≤ +1V
-
±0.38
±0.65
-
-
-
µA
Non-Inverting Input Bias Current
0
≤ VDIFF ≤ 1V, −3 ≤ VCM ≤ +1V
-
-
-
-
±0.38
±1.5
µA
0
≤ VDIFF ≤ 1V, −1 ≤ VCM ≤ +1V
−25
−65
−100
-
-
-
µA
Inverting Input Bias Current
0
≤ VDIFF ≤ 1V, −3 ≤ VCM ≤ +1V
-
-
-
-
−45
−150
µA
VCC Supply Current
VCC = 12V, RVCC = 15k
-
300
500
-
-
-
µA
VREF Supply Current
4.75V
≤ VREF ≤ 5.5V
-
0.5
1.0
-
-
-
mA
Common-Mode Voltage Range (4)
−1
-
1
−3
-
1
V
Input Referred
DC Common-Mode Rejection Ratio
−1V ≤ VCM ≤ +1V, VDIFF = 0.5V
50
60
-
-
-
-
dB
One or Both Inputs Open
Open Circuit Output Voltage
−1V ≤ VCM ≤ +1V
0.371
0.397
0.423
-
-
-
xVREF
−3V ≤ VCM ≤ +1V
-
-
-
0.365
0.397
0.439
xVREF
Short Circuit Output Current
Output Grounded
1.0
2.7
5.0
-
-
-
mA
(1)
These parameters are specified and 100% production tested.
(2)
These parameters will be specified but not 100% production tested.
(3)
Gain error is given as a percent of full-scale. Full-scale is defined as 1V at the input and 4.5V at the output.
(4)
The LM9044 has been designed to common-mode to
−3V, but production testing is only performed at ±1V.
Copyright © 1995–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM9044



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com