Electronic Components Datasheet Search
  English  ▼

X  

LM9044 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LM9044
Description  Lambda Sensor Interface Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM9044 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM9044 Datasheet HTML 5Page - Texas Instruments LM9044 Datasheet HTML 6Page - Texas Instruments LM9044 Datasheet HTML 7Page - Texas Instruments LM9044 Datasheet HTML 8Page - Texas Instruments LM9044 Datasheet HTML 9Page - Texas Instruments LM9044 Datasheet HTML 10Page - Texas Instruments LM9044 Datasheet HTML 11Page - Texas Instruments LM9044 Datasheet HTML 12Page - Texas Instruments LM9044 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
LM9044
www.ti.com
SNOSBP4D – FEBRUARY 1995 – REVISED MARCH 2013
In this condition VOUT is:
VOUT = VREF x ((14k + 4k) / (26.5k + 14k + 4k))
VOUT = VREF x 0.4045
When VREF is at 5.0V, VOUT is defined as:
VOUT = 5.0V x 0.4045
VOUT = 2.0V
In the cases where both the inverting and non-inverting pins are open, the open inverting pin condition (i.e.: a
voltage divider across the output) will be the dominant condition.
Any common mode voltage transient on the inverting input pin which goes above the comparator threshold will
immediately cause the output to switch to the resistive voltage divider mode. The output will return to normal
operation when the voltage on the inverting input falls below the 1.5V threshold.
OUTPUT RESISTANCE
Under normal operating conditions the output pin resistance is typically 200
Ω.
If the LM9044 is operating in a default output mode due an open connection on the inverting input, the output
resistance will typically appear to be close to 11 k
Ω.
An external output filter capacitor value of no more than 0.01
μF is generally recommended. Since the output pin
voltage drive is basically a simple NPN emitter follower, the output pin pull-down is done by the internal feedback
resistor string. With larger value capacitors on the output pin the effect will be somewhat similar to a voltage peak
detector where the output capacitor is charged through the 200
Ω resistor, and discharged back through the 200Ω
resistor and the 18 k
Ω feedback resistor string to ground.
The output resistance provides current limiting for the output stage should it become shorted to Ground. Any DC
loading of the output will cause an error in the output voltage.
SUPPLY BYPASSING
For best performance the LM9044 requires a VREF supply which is stable and noise free. The same 5V reference
supply used for the A/D converter is the recommended LM9044 VREF supply.
The LM9044 VCC pin has an internal zener shunt voltage regulator, typically 7.5V, and requires a series resistor
to limit the current. The VCC pin should be bypassed with a minimum 0.01 μF capacitor to the Ground pin, and
should be located as close to the device as possible. Some applications may require an additional bypass
capacitance if the system voltage is unusually noisy.
SETTING THE BANDWIDTH
The LM9044 bandwidth is limited by an external capacitor (CF) on the RF pin.
This pin has an internal 175 k
Ω resistor. The external capacitor and the internal resistor form a simple RC low-
pass filter with a corner frequency (fC) defined as:
fC = 1/ (2 x π x 175 kΩ x CF)
With a CF capacitor value of 0.001 μF, the corner frequency is:
fC = 1/ (2 x π x 175 kΩ x 0.001 μF)
fC = 909 Hz
INPUT FILTERING
Filtering at the differential inputs is strongly recommended. Both the differential voltage signal and the common
mode voltage signal should have low pass filters.
Input filtering is accomplished with series resistors on the input pins, and appropriate bypass capacitors. Typical
input pin series resistance values are in the 100
Ω to 1kΩ range. Series resistance values larger than 1kΩ will
generate offset voltages that affect the accuracy of the signal voltage seen at the differential input pins.
Copyright © 1995–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM9044



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com