Electronic Components Datasheet Search
  English  ▼

X  

MAX745C/D Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX745C/D
Description  Switch-Mode Lithium-Ion Battery-Charger
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX745C/D Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX745C/D Datasheet HTML 1Page - Maxim Integrated Products MAX745C/D Datasheet HTML 2Page - Maxim Integrated Products MAX745C/D Datasheet HTML 3Page - Maxim Integrated Products MAX745C/D Datasheet HTML 4Page - Maxim Integrated Products MAX745C/D Datasheet HTML 5Page - Maxim Integrated Products MAX745C/D Datasheet HTML 6Page - Maxim Integrated Products MAX745C/D Datasheet HTML 7Page - Maxim Integrated Products MAX745C/D Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Switch-Mode Lithium-Ion
Battery-Charger
________________________________________________________________
Maxim Integrated Products
1
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800.
For small orders, phone 1-800-835-8769.
General Description
The MAX745 provides all functions necessary for
charging lithium-ion battery packs. It provides a regu-
lated charging current of up to 4A without getting hot,
and a regulated voltage with only ±0.75% total error at
the battery terminals. It uses low-cost, 1% resistors to
set the output voltage, and a low-cost N-channel MOS-
FET as the power switch.
The MAX745 regulates the voltage set point and charg-
ing current using two loops that work together to transi-
tion smoothly between voltage and current regulation.
The per-cell battery voltage regulation limit is set
between 4.0V and 4.4V using standard 1% resistors,
and then the number of cells is set from 1 to 4 by pin-
strapping. Total output voltage error is less than ±0.75%.
For a similar device with an SMBus™ microcontroller
interface and the ability to charge NiCd and NiMH cells,
refer to the MAX1647 and MAX1648. For a low-cost
lithium-ion charger using a linear-regulator control
scheme, refer to the MAX846A.
____________________________Features
o Charges 1 to 4 Lithium-Ion Battery Cells
o ±0.75% Voltage-Regulation Accuracy
Using 1% Resistors
o Provides up to 4A without Excessive Heating
o 90% Efficient
o Uses Low-Cost Set Resistors and
N-Channel Switch
o Up to 24V Input
o Up to 18V Maximum Battery Voltage
o 300kHz PWM Operation: Low-Noise,
Small Components
o Stand-Alone Operation; No Microcontroller
Needed
___________________________________________________Typical Operating Circuit
19-1182; Rev 2; 12/98
PART
MAX745EAP
-40°C to +85°C
TEMP. RANGE
PIN-PACKAGE
20 SSOP
EVALUATION
KIT MANUAL
FOLLOWS
DATA
SHEET
Ordering Information
Pin Configuration appears on last page.
________________________Applications
Lithium-Ion Battery Packs
Desktop Cradle Chargers
Cellular Phones
Notebook Computers
Hand-Held Instruments
MAX745C/D
0°C to +70°C
Dice*
*
Dice are tested at TA = +25°C.
SMBus is a trademark of Intel Corp.
(UP TO 24V)
REF
DCIN
VIN
BST
VL
DHI
DLO
LX
CS
BATT
CELL
COUNT
SELECT
SET PER
CELL VOLTAGE
WITH 1% RESISTORS
ON
OFF
VADJ
STATUS
SETI
CELL0
CELL1
CCI
PGND
GND
IBAT
CCV
N
N
ICHARGE
RSENSE
VOUT
1–4 Li+ CELLS
(UP TO 18V)
MAX745
THM/SHDN


Similar Part No. - MAX745C/D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX745C/D MAXIM-MAX745C/D Datasheet
756Kb / 9P
Switch-Mode Lithium-Ion Battery-Charger
2019
More results

Similar Description - MAX745C/D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2956 TI-UCC2956 Datasheet
424Kb / 10P
Switch Mode Lithium-Ion Battery Charger Controller
logo
Analog Devices
ADP3820 AD-ADP3820 Datasheet
112Kb / 8P
Lithium-Ion Battery Charger
REV.A
logo
Maxim Integrated Produc...
MAX1737 MAXIM-MAX1737 Datasheet
234Kb / 18P
Stand-Alone Switch-Mode Lithium-Ion Battery-Charger Controller
19-1626; Rev 1; 7/00
logo
Microchip Technology
TC3827 MICROCHIP-TC3827 Datasheet
142Kb / 10P
Lithium-Ion Battery Charger
2001
logo
Maxim Integrated Produc...
MAX1737 MAXIM-MAX1737_07 Datasheet
181Kb / 18P
Stand-Alone Switch-Mode Lithium-Ion Battery-Charger Controller
Rev 4; 9/07
logo
Advanced Analogic Techn...
AAT3685 ANALOGICTECH-AAT3685_08 Datasheet
388Kb / 21P
Lithium-Ion/Polymer Battery Charger
logo
Analog Devices
ADP3820 AD-ADP3820_15 Datasheet
635Kb / 8P
Lithium-Ion Battery Charger
REV. A
logo
Shanghai awinic technol...
AW3210A AWINIC-AW3210A Datasheet
1Mb / 12P
Lithium ion battery charger
logo
Maxim Integrated Produc...
MAX1737 MAXIM-MAX1737_V01 Datasheet
1Mb / 19P
Stand-Alone Switch-Mode Lithium-Ion Battery-Charger Controller
2017
MAX745 MAXIM-MAX745_V01 Datasheet
756Kb / 9P
Switch-Mode Lithium-Ion Battery-Charger
2019
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com