Electronic Components Datasheet Search
  English  ▼

X  

MAX745C/D Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX745C/D
Description  Switch-Mode Lithium-Ion Battery-Charger
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX745C/D Datasheet(HTML) 6 Page - Maxim Integrated Products

  MAX745C/D Datasheet HTML 1Page - Maxim Integrated Products MAX745C/D Datasheet HTML 2Page - Maxim Integrated Products MAX745C/D Datasheet HTML 3Page - Maxim Integrated Products MAX745C/D Datasheet HTML 4Page - Maxim Integrated Products MAX745C/D Datasheet HTML 5Page - Maxim Integrated Products MAX745C/D Datasheet HTML 6Page - Maxim Integrated Products MAX745C/D Datasheet HTML 7Page - Maxim Integrated Products MAX745C/D Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Switch-Mode Lithium-Ion
Battery Charger
6
_______________________________________________________________________________________
VREF / 2, the voltage limit is 4.2V. Table 1 defines the
battery cell count.
The battery limit voltage is set by the following:
Solving for VADJ, we get:
Set VADJ by choosing a value for R11 (typically 100k),
and determine R3 by:
R3 = [1 - (VADJ / VREF)] x R11 (Figure 1)
where VREF = 4.2V and cell count is 1, 2, 3, or 4
(Table 1).
The voltage-regulation loop is compensated at the CCV
pin. Typically, a series-resistor-capacitor combination
can be used to form a pole-zero doublet. The pole
introduced rolls off the gain starting at low frequencies.
The zero of the doublet provides sufficient AC gain at
mid-frequencies. The output capacitor (C1) rolls off the
mid-frequency gain to below unity. This guarantees sta-
bility before encountering the zero introduced by the
C1’s equivalent series resistance (ESR). The GMV
amplifier’s output is internally clamped to between one-
fourth and three-fourths of the voltage at REF.
Current Control
The charging current is set by a combination of the cur-
rent-sense resistor value and the SETI pin voltage. The
current-sense amplifier measures the voltage across
the current-sense resistor, between CS and BATT. The
current-sense amplifier’s gain is 6. The voltage on SETI
is buffered and then divided by 4. This voltage is com-
pared to the current-sense amplifier’s output.
Therefore, full-scale current is accomplished by con-
necting SETI to REF. The full-scale charging current
(IFS) is set by the following:
IFS = 185mV / R1 (Figure 1)
V
=
9.523 V
cell count
9.023V
ADJ
BATT
REF
()
−
V
= cell count x V
V
1
2
V
9.523
BATT
REF
ADJ
REF
()
+
−


CELL0
CELL1
GND
GND
1
VL
GND
2
GND
VL
3
VL
VL
4
CELL COUNT
REF
(UP TO 24V)
VL
DCIN
VIN
BST
DHI
DLO
LX
PGND
CS
BATT
THM 1
VADJ
SETI
CCI
C3
47nF
R11
100k
1%
R3
100k
1%
R16
D2
C6
0.1
µF
C7
0.1
µF
M1A
1/2 IRF7303
M1B
D6
MBRS
340T3
D1
MBRS
340T3
0.2
Ω
R1
C1
68
µF
L1
22
µH
1/2 IRF7303
IN4148
R12
R15
10k
C4
0.1
µF
C5
4.7
µF
R2
C2, 0.1µF
10k
GND
IBAT
CCV
MAX745
BATTERY
THM/SHDN
STATUS
Figure 1. Standard Application Circuit
Table 1. Cell-Count Programming Table



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com