Electronic Components Datasheet Search
  English  ▼

X  

MAX745C/D Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX745C/D
Description  Switch-Mode Lithium-Ion Battery-Charger
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX745C/D Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX745C/D Datasheet HTML 1Page - Maxim Integrated Products MAX745C/D Datasheet HTML 2Page - Maxim Integrated Products MAX745C/D Datasheet HTML 3Page - Maxim Integrated Products MAX745C/D Datasheet HTML 4Page - Maxim Integrated Products MAX745C/D Datasheet HTML 5Page - Maxim Integrated Products MAX745C/D Datasheet HTML 6Page - Maxim Integrated Products MAX745C/D Datasheet HTML 7Page - Maxim Integrated Products MAX745C/D Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
_______________Detailed Description
The MAX745 is a switch-mode, lithium-ion battery
charger that can achieve 90% efficiency. The charge
voltage and current are set independently by external
resistor-dividers at SETI and VADJ, and at pin connec-
tions at CELL0 and CELL1. VADJ is connected to a
resistor-divider to set the charging voltage. The output
voltage-adjustment range is ±5%, eliminating the need
for 0.1% resistors while still achieving 0.75% set accu-
racy using 1% resistors.
The MAX745 consists of a current-mode, pulse-width-
modulated (PWM) controller and two transconductance
error amplifiers: one for regulating current (GMI) and
the other for regulating voltage (GMV) (Figure 2). The
error amplifiers are controlled via the SETI and VADJ
pins. Whether the MAX745 is controlling voltage or cur-
rent at any time depends on the battery state. If the bat-
tery is discharged, the MAX745 output reaches the
current-regulation limit before the voltage limit, causing
the system to regulate current. As the battery charges,
the voltage rises to the point where the voltage limit is
reached and the charger switches to regulating volt-
age. The STATUS pin indicates whether the charger is
regulating current or voltage.
Voltage Control
To set the voltage limit on the battery, tie a resistor-
divider to VADJ from REF. A 0V to VREF change at
VADJ sets a ±5% change in the battery limit voltage
around 4.2V. Since the 0 to 4.2V range on VADJ results
in only a 10% change on the voltage limit, the resistor-
divider’s accuracy does not need to be as high as the
output voltage accuracy. Using 1% resistors for the
voltage dividers typically results in no more than 0.1%
degradation in output voltage accuracy. VADJ is inter-
nally buffered so that high-value resistors can be used
to set the output voltage. When the voltage at VADJ is
Switch-Mode Lithium-Ion
Battery Charger
_______________________________________________________________________________________
5
______________________________________________________________Pin Description
IBAT
Current-Sense Amplifier’s Analog Current-Source Output. See
Monitoring Charge Current section for
detailed description.
2
DCIN
Charger Input Voltage. Bypass DCIN with a 0.1µF capacitor.
3
VL
Chip Power Supply. Output of the 5.4V linear regulator from DCIN. Bypass VL with a 4.7µF capacitor.
1
4
CCV
Voltage-Regulation-Loop Compensation Point
5
CCI
Current-Regulation-Loop Compensation Point
8
VADJ
Voltage-Adjustment Pin. VADJ is tied to a 1% tolerance external resistor-divider to adjust the voltage set
point by 10%, eliminating the need for precision 0.1% resistors. The input voltage range is 0V to VREF.
7
REF
4.2V Reference Voltage Output. Bypass REF with a 0.1µF or greater capacitor.
6
THM/
SHDN
Thermistor Sense-Voltage Input. THM/SHDN also performs the shutdown function. If pulled low,
the charger turns off.
13
STATUS
An open-drain MOSFET sinks current when in current-regulation mode, and is high impedance when in volt-
age-regulation mode. Connect STATUS to VL through a 1k
Ω to 100kΩ pull-up resistor. STATUS may also drive
an LED for visual indication of regulation mode (see MAX745 evaluation kit). Leave STATUS floating if not used.
11, 12
CELL1,
CELL0
Logic Inputs to Select Cell Count. See Table 1 for cell-count programming.
10
GND
Analog Ground
9
SETI
SETI is externally tied to the resistor-divider between REF and GND to set the charging current.
14
BATT
Battery-Voltage-Sense Input and Current-Sense Negative Input
15
CS
Current-Sense Positive Input
16
PGND
Power Ground
17
DLO
Low-Side Power MOSFET Driver Output
18
DHI
High-Side Power MOSFET Driver Output
19
LX
Power Connection for the High-Side Power MOSFET Source
20
BST
Power Input for the High-Side Power MOSFET Driver
NAME
FUNCTION
PIN



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com