Electronic Components Datasheet Search
  English  ▼

X  

MAX747CPD Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX747CPD
Description  High-Efficiency PWM, Step-Down P-Channel DC-DC Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX747CPD Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX747CPD Datasheet HTML 4Page - Maxim Integrated Products MAX747CPD Datasheet HTML 5Page - Maxim Integrated Products MAX747CPD Datasheet HTML 6Page - Maxim Integrated Products MAX747CPD Datasheet HTML 7Page - Maxim Integrated Products MAX747CPD Datasheet HTML 8Page - Maxim Integrated Products MAX747CPD Datasheet HTML 9Page - Maxim Integrated Products MAX747CPD Datasheet HTML 10Page - Maxim Integrated Products MAX747CPD Datasheet HTML 11Page - Maxim Integrated Products MAX747CPD Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
High-Efficiency PWM, Step-Down
P-Channel DC-DC Controller
_______________________________________________________________________________________
9
duty cycle) is 331mW. Metal film resistors are
recommended. Do not use wire-wound resistors because
their inductance will adversely affect circuit operation.
Determine the duty cycle for CCM from the following
equation:
where VSW is the voltage drop across the external P-
FET and sense resistor, and can be approximated as
(ILOAD)[RDS(ON) + RSENSE].
Inductor Selection
Once the sense resistor value is determined, the
inductor is determined from the following equation. The
value
of
inductor
L
ensures
proper
slope
compensation. Continuing with the above example,
Although 38µH is the calculated value, the component
used may have a tolerance of ±30% or more. Make
sure the inductor’s saturation current rating (the current
at which the core begins to saturate and the
inductance starts to fall) exceeds the peak current set
by RSENSE.
Inductors with molypermalloy powder (MPP), Kool Mµ,
or ferrite are recommended. Inexpensive iron powder
core inductors are not suitable due to their increased
core losses. MPP and Kool Mµ cores have low
permeability, allowing larger currents.
For highest efficiency, use a coil with low DC
resistance. To minimize radiated noise, use a toroid,
pot core, or shielded coil.
External P-FET Selection
To ensure the external P-FET is fully on, use logic-level,
or low threshold P-FETs when the minimum input
voltage is less than 8V.
When selecting the P-FET, three important parameters
to note are total gate charge (Qg), on resistance
(RDS(ON)), and reverse transfer capacitance (CRSS).
Qg, the total gate charge, includes all capacitances
associated with charging the gate. Use the typical Qg
value for best results; the maximum value is usually
overspecified since it is a guaranteed limit and not the
measured value. The typical total gate charge should
be
≤ 50nC. Larger numbers mean that EXT may not be
able to adequately drive the gate. EXT sink/source
capability (IEXT) is typically 140mA.
There are two losses associated with the P-FET’s power
dissipation: I2R losses and switching losses. CCM
power dissipation (PD) is approximated by:
where the duty cycle is approximated by VOUT/V+, fOSC =
100kHz, and RDS(ON) and CRSS are given in the data
sheet of the chosen P-FET. In the equation, RDS(ON) is
assumed to be constant, but is actually a function of
temperature. Note that the equation does not account
for losses incurred by charging and discharging the
PD
Duty Cycle
I
R
+
V+
C
I
f
I
PK
DS(ON)
2
RSS
PK
OSC
EXT
=
()
[]
() (
) ( )
2
L
(R
) (V
)
(V
) (f
)
(38m ) (5V)
(50mV) (100kHz)
38 H
SENSE
OUT(MAX)
RAMP(MAX)
OSC
=
=
Ω
=µ
Duty cycle (%)
V
V
V
V
V
100%
OUT
DIODE
SW
DIODE
=
+
+−
+

 ()
GND
MAX747
V+
FB
12
5
13
VIN
...to VOUT
R4 = 10k
Ω TO 1MΩ
OUT
8
R5
R4
C6
*
(
)
R5 = R4
-1
VOUT
2V
* SEE COMPENSATION CAPACITOR SECTION
N.C.
GND
MAX747
V+
LBO
12
14
13
…TO VOUT OR VIN
VTH = 2.0V
R3
100k
(
)
R2 = R1
-1
VTRIP
VTH
1
R2
R1
LOW-BATTERY
OUTPUT
VIN
LBI
Figure 4. Input Voltage Monitor Circuit
Figure 5. Adjustable Output Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com