Electronic Components Datasheet Search
  English  ▼

X  

MAX747CPD Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX747CPD
Description  High-Efficiency PWM, Step-Down P-Channel DC-DC Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX747CPD Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX747CPD Datasheet HTML 1Page - Maxim Integrated Products MAX747CPD Datasheet HTML 2Page - Maxim Integrated Products MAX747CPD Datasheet HTML 3Page - Maxim Integrated Products MAX747CPD Datasheet HTML 4Page - Maxim Integrated Products MAX747CPD Datasheet HTML 5Page - Maxim Integrated Products MAX747CPD Datasheet HTML 6Page - Maxim Integrated Products MAX747CPD Datasheet HTML 7Page - Maxim Integrated Products MAX747CPD Datasheet HTML 8Page - Maxim Integrated Products MAX747CPD Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
_______________General Description
The MAX747 high-efficiency, high-current, step-down
controller drives external P-channel FETs. It provides
90% to 95% efficiency from a 6V supply with load
currents ranging from 50mA up to 2.5A. It uses a
pulse-width-modulating (PWM) current-mode control
scheme to provide precise output regulation and low
output noise. The MAX747’s 4V to 15V input voltage
range, a fixed 5V/adjustable (Dual-Mode™) output, and
a current limit set with an external resistor make this
device ideal for a wide range of applications.
High efficiency is maintained with light loads due to a
proprietary dual-control (Idle-Mode™) scheme that
minimizes switching losses by reducing the switching
frequency at light loads. The low 800µA quiescent
current and ultra-low 0.6µA shutdown current further
extend battery life.
External components are protected by the MAX747’s
cycle-by-cycle current limit. The MAX747 also features a
2V ±1.5% reference, a comparator for low-battery
detection or level translating, as well as soft-start and
shutdown capability.
The MAX746, discussed in a separate data sheet,
functions similarly to the MAX747, but it drives N-channel
logic level FETs on the high side.
________________________Applications
Notebook Power Supplies
Personal Digital Assistants
Battery-Operated Equipment
Cellular Phones
5V to 3.3V Green PC Applications
____________________________Features
o 90% to 95% Efficiency for 50mA to 2.5A
Output Currents
o 4V to 15V Input Voltage Range
o Low 800µA Supply Current
o 0.6µA Shutdown Current
o Drives External P-Channel FETs
o Cycle-by-Cycle Current Limiting
o 2V ±1.5% Accurate Reference Output
o Adjustable Soft-Start
o Precision Comparator for Power-Fail or
Low-Battery Warning
______________Ordering Information
* Contact factory for dice specifications.
High-Efficiency PWM, Step-Down
P-Channel DC-DC Controller
________________________________________________________________
Maxim Integrated Products
1
OUTPUT
5V
2.3A
INPUT
6V TO 15V
AV+
EXT
OUT
GND
430µF
REF
MAX747
CS
SHDN
ON/OFF
LBI
LOW-BATTERY
DETECTOR
INPUT
V+
LOW-BATTERY
DETECTOR
OUTPUT
AGND
FB
CC
SS
LBO
5Om
Ω
5O
µH
P
0.1µF
100µF
__________________Pin Configuration
SS
1
2
3
4
14
13
12
11
GND
CC
FB
AV+
LBI
DIP/SO
TOP VIEW
MAX747
5
6
7
10
9
8
OUT
AGND
REF
SHDN
LBO
V+
EXT
CS
__________Typical Operating Circuit
Call toll free 1-800-998-8800 for free samples or literature.
19-0171; Rev 1; 9/93
PART
TEMP. RANGE
PIN-PACKAGE
MAX747CPD
0°C to +70°C
14 Plastic DIP
MAX747CSD
0°C to +70°C
14 Narrow SO
MAX747C/D
0°C to +70°C
Dice*
MAX747EPD
-40°C to +85°C
14 Plastic DIP
MAX747ESD
-40°C to +85°C
14 Narrow SO
MAX747MJD
-55°C to +125°C
14 CERIDIP
™ Dual-Mode and Idle-Mode are trademarks of Maxim Integrated Products.


Similar Part No. - MAX747CPD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7470 MAXIM-MAX7470 Datasheet
803Kb / 17P
HDTV Continuously Variable Anti-Aliasing Filters
Rev 0; 5/06
MAX7470UTP MAXIM-MAX7470UTP Datasheet
289Kb / 17P
HDTV Continuously Variable Anti-Aliasing Filters
19-0548; Rev 1; 4/07
MAX7470UTP+ MAXIM-MAX7470UTP+ Datasheet
803Kb / 17P
HDTV Continuously Variable Anti-Aliasing Filters
Rev 0; 5/06
logo
Minilogic Device Corpor...
MAX7472 MINILOGIC-MAX7472 Datasheet
277Kb / 19P
HDTV Anti-Aliasing Filters with Triple-Input Mux
MAX7472UTI+ MINILOGIC-MAX7472UTI+ Datasheet
277Kb / 19P
HDTV Anti-Aliasing Filters with Triple-Input Mux
More results

Similar Description - MAX747CPD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX746 MAXIM-MAX746 Datasheet
157Kb / 16P
High-Efficiency, PWM, Step-Down, N-Channel DC-DC Controller
19-0192; Rev 1; 11/93
logo
List of Unclassifed Man...
SS6578 ETC-SS6578 Datasheet
221Kb / 11P
HIGH EFFICIENCY STEP DOWN DC/DC CONTROLLER
logo
Richtek Technology Corp...
RT9201 RICHTEK-RT9201 Datasheet
194Kb / 13P
High Efficiency PWM Step-Down DC-DC Converter
logo
Silicon Standard Corp.
SS6578 SSC-SS6578 Datasheet
226Kb / 11P
High-Efficiency, Step-Down DC/DC Controller
logo
Unisonic Technologies
UC4601 UTC-UC4601 Datasheet
147Kb / 4P
PWM STEP-DOWN DC-DC CONTROLLER
logo
ELM Technology Corporat...
ELM611DA ELM-TECH-ELM611DA Datasheet
983Kb / 11P
high efficiency synchronous PWM step down DC/DC converter
logo
Unisonic Technologies
UC4601 UTC-UC4601_15 Datasheet
147Kb / 4P
PWM STEP-DOWN DC-DC CONTROLLER
logo
Cypress Semiconductor
MB39C502 CYPRESS-MB39C502 Datasheet
1Mb / 46P
High Efficiency Step Down DC/DC Controller Datasheet
logo
Unisonic Technologies
UC4601 UTC-UC4601_18 Datasheet
123Kb / 4P
PWM STEP-DOWN DC-DC CONTROLLER
logo
Diodes Incorporated
PAM2308 DIODES-PAM2308 Datasheet
552Kb / 15P
DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com