Electronic Components Datasheet Search
  English  ▼

X  

MAX747CPD Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX747CPD
Description  High-Efficiency PWM, Step-Down P-Channel DC-DC Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX747CPD Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX747CPD Datasheet HTML 1Page - Maxim Integrated Products MAX747CPD Datasheet HTML 2Page - Maxim Integrated Products MAX747CPD Datasheet HTML 3Page - Maxim Integrated Products MAX747CPD Datasheet HTML 4Page - Maxim Integrated Products MAX747CPD Datasheet HTML 5Page - Maxim Integrated Products MAX747CPD Datasheet HTML 6Page - Maxim Integrated Products MAX747CPD Datasheet HTML 7Page - Maxim Integrated Products MAX747CPD Datasheet HTML 8Page - Maxim Integrated Products MAX747CPD Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
High-Efficiency PWM, Step-Down
P-Channel DC-DC Controller
_______________________________________________________________________________________
5
PIN
NAME
FUNCTION
1
LBI
Input to the internal low-battery comparator. Tie to V+ or GND if not used.
2
SS
Soft-start limits start-up surge currents. On power-up, it charges the soft-start capacitor, slowly raising the
peak current limit to the level set by the sense resistor.
3
REF
2V reference output that can source 100µA for external loads. Bypass with 0.22µF. The reference is
disabled in shutdown mode.
4
SHDN
Active-high TTL/CMOS logic-level input. In shutdown mode, VOUT = 0V and the supply current is reduced
to 20µA.
5
FB
Feedback input for adjustable-output operation. Connect to GND for fixed +5V output. Use a resistor
divider network to adjust the output voltage. See the section
Setting the Output Voltage.
6
CC
Compensation capacitor. AC compensation input for the error amplifier. Connect a capacitor between CC
and GND for fixed +5V output operation. See
Compensation Capacitor section.
7
AV+
Quiet supply voltage for sensitive analog circuitry. A bypass capacitor is not required for AV+.
8
OUT
Output voltage sense input. Connects to internal resistor divider. Leave unconnected for adjustable output.
Bypass to AGND with a 0.1µF capacitor close to the IC.
9
CS
Negative input to the current-sense amplifier. Connect the current-sense resistor (RSENSE) from V+ to CS.
10
AGND
Quiet analog ground
11
EXT
Power MOSFET gate drive output that swings between V+ and GND. EXT is not protected against short
circuits to V+ or AGND.
12
V+
High-current supply voltage for the output driver
13
GND
High-current ground return for the output driver
14
LBO
Low-battery output is an open-drain output that goes low when LBI is less than 2V. Connect to V+ through
a pull-up resistor. Leave floating if not used. LBO is disabled in shutdown mode.
______________________________________________________________Pin Description
____________________Getting Starting
Figure 1a shows the 5V output 11.4W standard
application circuit and Figure 1b shows the 3.3V output
7.5W standard application circuit. Most applications
will be served by these circuits. To learn more about
component selection for particular applications, refer to
the
Design Procedure section. To learn more about the
operation of the MAX747, refer to the
Detailed
Description.
_______________Detailed Description
The MAX747 monolithic, CMOS, step-down switch-
mode power-supply controller drives external
P-channel FETs. It uses a unique current-mode pulse-
width-modulating (PWM) control scheme that results in
high efficiency over a wide range of load currents, tight
output voltage regulation, excellent load- and line-
transient response, and low noise. Efficiency at light
loads is further enhanced by a proprietary Idle-Mode
switching control scheme that skips oscillator cycles in
order to reduce switching losses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com