Electronic Components Datasheet Search
  English  ▼

X  

MAX749 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX749
Description  Digitally Adjustable LCD Bias Supply
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX749 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX749 Datasheet HTML 1Page - Maxim Integrated Products MAX749 Datasheet HTML 2Page - Maxim Integrated Products MAX749 Datasheet HTML 3Page - Maxim Integrated Products MAX749 Datasheet HTML 4Page - Maxim Integrated Products MAX749 Datasheet HTML 5Page - Maxim Integrated Products MAX749 Datasheet HTML 6Page - Maxim Integrated Products MAX749 Datasheet HTML 7Page - Maxim Integrated Products MAX749 Datasheet HTML 8Page - Maxim Integrated Products MAX749 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Digitally Adjustable LCD Bias Supply
_______________General Description
The MAX749 generates negative LCD-bias contrast
voltages from 2V to 6V inputs. Full-scale output voltage
can be scaled to -100V or greater, and is digitally
adjustable in 64 equal steps by an internal digital-to-
analog converter (DAC). Only seven small surface-
mount components are required to build a complete
supply. The output voltage can also be adjusted using
a PWM signal or a potentiometer.
A unique current-limited control scheme reduces supply
current and maximizes efficiency, while a high switching
frequency (up to 500kHz) minimizes the size of external
components. Quiescent current is only 60µA max and is
reduced to under 15µA in shutdown mode. While shut
down, the MAX749 retains the voltage set point, simpli-
fying software control. The MAX749 drives either an
external P-channel MOSFET or a PNP transistor.
________________________Applications
Notebook Computers
Laptop Computers
Palmtop Computers
Personal Digital Assistants
Communicating Computers
Portable Data-Collection Terminals
____________________________Features
o +2.0V to +6.0V Input Voltage Range
o Flexible Control of Output Voltage:
Digital Control
Potentiometer Adjustment
PWM Control
o Output Voltage Range Set by One Resistor
o Low, 60µA Max Quiescent Current
o 15µA Max Shutdown Mode
o Small Size – 8-Pin SO and Plastic DIP Packages
_______________________________________________________________
Maxim Integrated Products
1
1
2
3
4
8
7
6
5
CS
DHI
DLOW
GND
FB
CTRL
ADJ
V+
DIP/SO
TOP VIEW
MAX749
__________________Pin Configuration
V+
ADJ
CTRL
FB
CS
DHI
DLOW
GND
VIN +5V
-VOUT
RSENSE
CCOMP
ON/OFF
DIGITAL
ADJUST
RFB
1
0.1
µF
2
3
4
5
6
7
8
MAX749
__________Typical Operating Circuit
Call toll free 1-800-998-8800 for free samples or literature.
19-0143; Rev 1; 2/95
PART
TEMP. RANGE
PIN-PACKAGE
MAX749CPA
0°C to +70°C
8 Plastic DIP
MAX749CSA
0°C to +70°C
8 SO
MAX749EPA
-40°C to +85°C
8 Plastic DIP
MAX749ESA
-40°C to +85°C
8 SO
MAX749C/D
0°C to +70°C
Dice*
______________Ordering Information
* Contact factory for dice specifications.
EVALUATION
KIT MANUAL
FOLLOWS
DATA
SHEET


Similar Part No. - MAX749

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7490 MAXIM-MAX7490 Datasheet
343Kb / 18P
Dual Universal Switched-Capacitor Filters
Rev 0; 7/00
MAX7490 MAXIM-MAX7490 Datasheet
360Kb / 18P
Dual Universal Switched-Capacitor Filters
Rev 1; 4/09
logo
Analog Devices
MAX7490 AD-MAX7490 Datasheet
360Kb / 18P
Dual Universal Switched-Capacitor Filters
Rev 1
logo
Maxim Integrated Produc...
MAX7490-MAX7491 MAXIM-MAX7490-MAX7491 Datasheet
343Kb / 18P
Dual Universal Switched-Capacitor Filters
Rev 0; 7/00
MAX7490CEE MAXIM-MAX7490CEE Datasheet
343Kb / 18P
Dual Universal Switched-Capacitor Filters
Rev 0; 7/00
More results

Similar Description - MAX749

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1605 MAXIM-MAX1605 Datasheet
347Kb / 12P
30V Internal Switch LCD Bias Supply
19-1666; Rev 1; 10/03
MAX1620 MAXIM-MAX1620 Datasheet
253Kb / 20P
Digitally Adjustable LCD Bias Supplies
19-1214; Rev 1; 1/98
MAX1932 MAXIM-MAX1932 Datasheet
399Kb / 16P
Digitally Controlled, 0.5% Accurate, Safest APD Bias Supply
Rev 1; 12/02
logo
Texas Instruments
TPS61045 TI-TPS61045 Datasheet
499Kb / 20P
DIGITALLY ADJUSTABLE LCD BOOST CONVERTER
logo
Linear Technology
LTC3524 LINER-LTC3524 Datasheet
260Kb / 16P
Adjustable TFT Bias Supply with WLED Driver
logo
Texas Instruments
TPS65170 TI-TPS65170 Datasheet
4Mb / 33P
LCD Bias Supply
logo
Linear Technology
LTC3524 LINER-LTC3524_15 Datasheet
266Kb / 16P
Adjustable TFT Bias Supply with WLED Driver
logo
Global Mixed-mode Techn...
G2523 GMT-G2523 Datasheet
197Kb / 2P
Integrated LCD Bias Power Supply
logo
Analog Devices
ADA4961 AD-ADA4961 Datasheet
1Mb / 25P
Digitally adjustable gain
REV. A
logo
Maxim Integrated Produc...
MAX1605 MAXIM-MAX1605_V01 Datasheet
1Mb / 10P
30V Internal Switch LCD Bias Supply
2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com