Electronic Components Datasheet Search
  English  ▼

X  

MAX749 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX749
Description  Digitally Adjustable LCD Bias Supply
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX749 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX749 Datasheet HTML 1Page - Maxim Integrated Products MAX749 Datasheet HTML 2Page - Maxim Integrated Products MAX749 Datasheet HTML 3Page - Maxim Integrated Products MAX749 Datasheet HTML 4Page - Maxim Integrated Products MAX749 Datasheet HTML 5Page - Maxim Integrated Products MAX749 Datasheet HTML 6Page - Maxim Integrated Products MAX749 Datasheet HTML 7Page - Maxim Integrated Products MAX749 Datasheet HTML 8Page - Maxim Integrated Products MAX749 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
_______________Detailed Description
The MAX749 is a negative-output inverting power con-
troller that can drive an external PNP transistor or P-
channel MOSFET. An external resistor and an internal
DAC control the output voltage (Figure 1).
The MAX749 is designed to operate from 2V to 6V inputs,
ideal for operation from low-voltage batteries. In systems
with higher-voltage batteries, such as notebook comput-
ers, the MAX749 may also be operated from the regulat-
ed +5V supply. A high-efficiency +5V regulator, such as
the MAX782, is an ideal source for the MAX749. In this
example, the MAX749 efficiency (80%) is compounded
with the MAX782 efficiency (95%): 80% x 95% = 76%,
which is still high.
Operating Principle
The MAX749 and the external components shown in the
Typical Operating Circuit form a flyback converter.
When the external transistor is on, current flows through
the current-sense resistor, the transistor, and the coil.
Energy is stored in the core of the coil during this phase,
and the diode does not conduct. When the transistor
turns off, current flows from the output through the diode
and the coil, driving the output negative. Feedback con-
trol adjusts the external transistor’s timing to provide a
regulated negative output voltage.
The MAX749’s unique control scheme combines the
ultra-low supply current of pulse-skipping, pulse-fre-
quency modulation (PFM) converters with the high full-
load efficiency characteristic of pulse-width modulation
(PWM) converters. This control scheme allows the
device to achieve high efficiency over a wide range of
loads. The current-sense function and high operating
frequency allow the use of tiny external components.
Switching control is accomplished through the combi-
nation of a current limit in the switch plus on- and off-
time limits (Figure 2).
Once turned on, the transistor stays on until either:
- the maximum on-time one-shot turns it off
(8µs later), or
- the switch current reaches its limit (as determined
by the current-sense resistor and the current
comparator).
Digitally Adjustable LCD Bias Supply
_______________________________________________________________________________________
5
L1
47
µH
DLOW
SWITCH-
MODE
POWER
SUPPLY
6-BIT
CURRENT-OUTPUT
DAC
REF
LOGIC
BIAS
POWER-ON
RESET
6-BIT
COUNTER
MAX749
VOUT
(NEGATIVE)
CTRL
ADJ
RESET
INCREMENT
ON/OFF
+2V TO +6V
INPUT
22
µF
6.2V
6.66
µA TO 20µA
CS
DHI
FB
GND
RSENSE
Q1
ZTX750
D1
1N5819
RBASE
470
Ω
22
µF
30V
CCOMP
RFB
V+
0.1
µF
Figure 1. Block Diagram, Showing External Circuitry Using a PNP Transistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com