Electronic Components Datasheet Search
  English  ▼

X  

MAX749 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX749
Description  Digitally Adjustable LCD Bias Supply
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX749 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX749 Datasheet HTML 1Page - Maxim Integrated Products MAX749 Datasheet HTML 2Page - Maxim Integrated Products MAX749 Datasheet HTML 3Page - Maxim Integrated Products MAX749 Datasheet HTML 4Page - Maxim Integrated Products MAX749 Datasheet HTML 5Page - Maxim Integrated Products MAX749 Datasheet HTML 6Page - Maxim Integrated Products MAX749 Datasheet HTML 7Page - Maxim Integrated Products MAX749 Datasheet HTML 8Page - Maxim Integrated Products MAX749 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Digitally Adjustable LCD Bias Supply
4
______________________________________________________________________________________
PIN
NAME
FUNCTION
1
V+
+2V to +6V Input Voltage to power the MAX749 and external circuitry. When using an external
P-channel MOSFET, V+ must exceed the MOSFET’s gate threshold voltage.
2
ADJ
Logic Input. When CTRL is high, a rising edge on ADJ increments an internal counter. When CTRL is
low, the counter is reset to mid-scale when ADJ is high. When ADJ is low, the counter does not
change (regardless of activity on CTRL) as long as V+ is applied.
3
CTRL
Logic Input. When CTRL and ADJ are low, the MAX749 is shut down, but the counter is not reset.
When CTRL is low, the counter is reset to mid-scale when ADJ is high. The device is always on when
CTRL is high.
4
FB
Feedback Input for output full-scale voltage selection. -VOUT(MAX) = (RFB) x (20µA) where RFB is
connected from FB to -VOUT. The device is in regulation when VFB = 0V.
5
GND
Ground
6
DLOW
Output Driver Low. Connect to DHI when using an external P-channel MOSFET. When using an
external PNP transistor, connect a resistor RBASE from DLOW to the base of the PNP to set the maxi-
mum base-drive current.
7
DHI
Output Driver High. Connect to the gate of the external P-channel transistor, or to the base of the
external PNP transistor.
8
CS
Current-Sense Input. The external transistor is turned off when current through the sense resistor,
RSENSE, brings CS below V+ by 140mV (typ).
OUTPUT
VOLTAGE
LOAD
CURRENT
100mVAC/div
10mA/div
0mA
LOAD-TRANSIENT RESPONSE
VOUT = -15V
TRANSISTOR = ZTX750
50
µs/div
VOUT = -15V
TRANSISTOR = ZTX750
OUTPUT
VOLTAGE
INPUT
VOLTAGE
100mVAC/div
1 V/div
0V
LINE-TRANSIENT RESPONSE
VOUT = -15V
ILOAD = 5mA
TRANSISTOR = ZTX750
50ms/div
____________________________Typical Operating Characteristics (continued)
(TA = +25°C, L = 47µH, unless otherwise noted.)
______________________________________________________________Pin Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com