Electronic Components Datasheet Search
  English  ▼

X  

MAX7421 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX7421
Description  5th-Order, Lowpass, Switched-Capacitor Filters
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7421 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX7421 Datasheet HTML 5Page - Maxim Integrated Products MAX7421 Datasheet HTML 6Page - Maxim Integrated Products MAX7421 Datasheet HTML 7Page - Maxim Integrated Products MAX7421 Datasheet HTML 8Page - Maxim Integrated Products MAX7421 Datasheet HTML 9Page - Maxim Integrated Products MAX7421 Datasheet HTML 10Page - Maxim Integrated Products MAX7421 Datasheet HTML 11Page - Maxim Integrated Products MAX7421 Datasheet HTML 12Page - Maxim Integrated Products MAX7421 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
5th-Order, Lowpass,
Switched-Capacitor Filters
_______________________________________________________________________________________
9
Pin Description
_______________Detailed Description
The MAX7418/MAX7421/MAX7422/MAX7425 elliptic
lowpass filters provide sharp rolloff with good stopband
rejection. The MAX7419/MAX7423 Bessel filters provide
low overshoot and fast settling responses, and the
MAX7420/MAX7424 Butterworth filters provide a maxi-
mally flat passband response. All parts operate with a
100:1 clock-to-corner frequency ratio.
Most switch capacitor filters (SCFs) are designed with
biquadratic sections. Each section implements two
pole-zero pairs, and the sections can be cascaded to
produce higher order filters. The advantage to this
approach is ease of design. However, this type of
design is highly sensitive to component variations if any
section’s Q is high. The MAX7418–MAX7425 use an
alternative approach, which is to emulate a passive net-
work using switched-capacitor integrators with sum-
ming and scaling. The passive network may be
synthesized using CAD programs, or may be found in
many filter books. Figure 1 shows a basic 5th-order lad-
der filter structure.
Typical Operating Characteristics (continued)
(VDD = +5V for MAX7418–MAX7421, VDD = +3V for MAX7422–MAX7425, fCLK = 2.2MHz, SHDN = VDD, VCOM = VOS = VDD / 2,
TA = +25°C, unless otherwise noted.
0
0.5
1.5
1.0
2.0
2.5
2.5
3.5
3.0
4.0
4.5
5.0
5.5
DC OFFSET VOLTAGE
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
0
1.0
0.5
2.0
1.5
2.5
3.0
-40
10
-15
356085
DC OFFSET VOLTAGE
vs. TEMPERATURE
TEMPERATURE (
°C)
VDD = 5V
VDD = 3V
Filter Output
OUT
5
Offset Adjust Input. To adjust output offset, connect OS to an external supply through a resistive voltage-
divider (Figure 4). Connect OS to COM if no offset adjustment is needed. See the Offset and Common-Mode
Input Adjustment section.
OS
6
Shutdown Input. Drive low to enable shutdown mode; drive high or connect to VDD for normal operation.
SHDN
7
Clock Input. Connect an external capacitor (COSC) from CLK to ground. To override the internal oscillator,
connect CLK to an external clock: fC = fCLK /100.
CLK
8
Positive Supply Input: +5V for MAX7418–MAX7421, +3V for MAX7422–MAX7425. Bypass VDD to GND with
a 0.1µF capacitor.
VDD
4
Ground
GND
3
PIN
Filter Input
IN
2
Common Input Pin. Biased internally at midsupply. Bypass COM externally to GND with a 0.1µF capacitor.
To override internal biasing, drive COM with an external supply.
COM
1
FUNCTION
NAME



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com