Electronic Components Datasheet Search
  English  ▼

X  

MAX7421 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX7421
Description  5th-Order, Lowpass, Switched-Capacitor Filters
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7421 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX7421 Datasheet HTML 1Page - Maxim Integrated Products MAX7421 Datasheet HTML 2Page - Maxim Integrated Products MAX7421 Datasheet HTML 3Page - Maxim Integrated Products MAX7421 Datasheet HTML 4Page - Maxim Integrated Products MAX7421 Datasheet HTML 5Page - Maxim Integrated Products MAX7421 Datasheet HTML 6Page - Maxim Integrated Products MAX7421 Datasheet HTML 7Page - Maxim Integrated Products MAX7421 Datasheet HTML 8Page - Maxim Integrated Products MAX7421 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5th-Order, Lowpass,
Switched-Capacitor Filters
_______________________________________________________________________________________
5
Note 1: The maximum fC is defined as the clock frequency fCLK = 100 x fC at which the peak S / (THD+N) drops to 68dB with a
sinusoidal input at 0.2fC. Maximum fC increases as VIN signal amplitude decreases.
Note 2: DC insertion gain is defined as
∆VOUT / ∆VIN.
Note 3: MAX7418/MAX7421/MAX7422/MAX7425: fOSC (kHz)
≅ 87x103 / COSC (pF).
MAX7419/MAX7420/MAX7423/MAX7424: fOSC (kHz)
≅ 110x103 / COSC (pF).
Note 4: PSRR is the change in output voltage from a VDD of 4.5V and a VDD of 5.5V.
-70
-65
fIN = 5fC
-47.5
-43
-3.6
-3.0
-2.4
fIN = fC
fIN = 3fC
-0.3
0
dB
fIN = 0.5fC
PARAMETER
MIN
TYP
MAX
UNITS
CONDITIONS
BUTTERWORTH FILTERS—MAX7420/MAX7424
BUTTERWORTH FILTERS—MAX7420/MAX7424
FILTER CHARACTERISTICS
(VDD = +5V for MAX7418–MAX7421, VDD = +3V for MAX7422–MAX7425 filter output measured at OUT, 10k
Ω || 50pF load to GND at
OUT, SHDN = VDD, fCLK = 2.2MHz, TA = TMIN to TMAX, unless otherwise noted.)
__________________________________________Typical Operating Characteristics
(VDD = +5V for MAX7418–MAX7421, VDD = +3V for MAX7422–MAX7425, fCLK = 2.2MHz, SHDN = VDD, VCOM = VOS = VDD / 2,
TA = +25°C, unless otherwise noted.)
-90
-60
-70
-80
-50
-40
-30
-20
-10
0
10
040
20
60
80
100
MAX7418/MAX7422
FREQUENCY RESPONSE (ELLIPTIC, r = 1.6)
INPUT FREQUENCY (kHz)
-60
-40
-50
-20
-30
0
-10
10
040
20
60
80
100
MAX7419/MAX7423
FREQUENCY RESPONSE (BESSEL)
INPUT FREQUENCY (kHz)
-80
-60
-70
-30
-40
-50
0
-10
-20
10
040
20
60
80
100
MAX7420/MAX7424
FREQUENCY RESPONSE (BUTTERWORTH)
INPUT FREQUENCY (kHz)
Insertion Gain Relative to
DC Gain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com