Electronic Components Datasheet Search
  English  ▼

X  

MAX7421 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX7421
Description  5th-Order, Lowpass, Switched-Capacitor Filters
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7421 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX7421 Datasheet HTML 6Page - Maxim Integrated Products MAX7421 Datasheet HTML 7Page - Maxim Integrated Products MAX7421 Datasheet HTML 8Page - Maxim Integrated Products MAX7421 Datasheet HTML 9Page - Maxim Integrated Products MAX7421 Datasheet HTML 10Page - Maxim Integrated Products MAX7421 Datasheet HTML 11Page - Maxim Integrated Products MAX7421 Datasheet HTML 12Page - Maxim Integrated Products MAX7421 Datasheet HTML 13Page - Maxim Integrated Products MAX7421 Datasheet HTML 14Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
5th-Order, Lowpass,
Switched-Capacitor Filters
______________________________________________________________________________________
13
Table 3. MAX7419/MAX7423 Typical Harmonic Distortion
Table 2. MAX7420/MAX7424 Typical Harmonic Distortion
Chip Information
TRANSISTOR COUNT: 1457
PROCESS: BiCMOS
Ordering Information (continued)
PART
TEMP. RANGE
PIN-PACKAGE
MAX7423CUA
MAX7423EUA
-40°C to +85°C
0°C to +70°C
8 µMAX
8 µMAX
MAX7422CUA
0°C to +70°C
8 µMAX
MAX7422EUA
-40°C to +85°C
8 µMAX
PART
FILTER RESPONSE
OPERATING
VOLTAGE (V)
MAX7422
r = 1.6
+3
MAX7423
Bessel
+3
MAX7424
Butterworth
+3
MAX7425
r = 1.25
+3
Selector Guide (continued)
MAX7424CUA
0°C to +70°C
8 µMAX
MAX7424EUA
-40°C to +85°C
8 µMAX
MAX7425CUA
0°C to +70°C
8 µMAX
MAX7425EUA
-40°C to +85°C
8 µMAX
FILTER
fIN
(kHz)
VIN
(Vp-p)
MAX7420
2
2
4
-77
< -80
TYPICAL HARMONIC DISTORTION (dB)
< -80
< -80
2nd
4th
fCLK
(MHz)
2.2
1.5
3
MAX7424
2
2
3.5
2.2
< -80
< -80
< -80
< -80
-67
-76
-70
-70
-77
< -80
< -80
< -80
3rd
5th
FILTER
fIN
(kHz)
VIN
(Vp-p)
MAX7419
2
2
4
< -80
< -80
TYPICAL HARMONIC DISTORTION (dB)
< -80
< -80
2nd
4th
fCLK
(MHz)
2.2
1.5
3
MAX7423
2
2
3.5
2.2
< -80
< -80
< -80
< -80
-77
< -80
-80
-75
< -80
< -80
< -80
< -80
3rd
5th



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com