Electronic Components Datasheet Search
  English  ▼

X  

CMX910 Datasheet(PDF) 22 Page - CML Microcircuits

Part # CMX910
Description  Flexible Signal Channels
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

CMX910 Datasheet(HTML) 22 Page - CML Microcircuits

Back Button CMX910 Datasheet HTML 18Page - CML Microcircuits CMX910 Datasheet HTML 19Page - CML Microcircuits CMX910 Datasheet HTML 20Page - CML Microcircuits CMX910 Datasheet HTML 21Page - CML Microcircuits CMX910 Datasheet HTML 22Page - CML Microcircuits CMX910 Datasheet HTML 23Page - CML Microcircuits CMX910 Datasheet HTML 24Page - CML Microcircuits CMX910 Datasheet HTML 25Page - CML Microcircuits CMX910 Datasheet HTML 26Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 61 page
background image
AIS Baseband Processor
CMX910
© 2009 CML Microsystems Plc
22
D/910/6
Tx_Control register b5-2: Tx Mode
b5
b4
b3
b2
0
0
0
0
AIS raw mode, 25kHz channel
0
0
0
1
AIS raw mode, 12.5kHz channel
0
0
1
0
DSC mode
0
0
1
1
Reserved, do not use
0
1
0
0
AIS burst mode, 25kHz channel
0
1
0
1
AIS burst mode, 12.5kHz channel
0
1
1
0
Reserved, do not use
0
1
1
1
Reserved, do not use
1
0
0
0
AIS test mode, 25kHz channel (transmit data supplied by µC)
1
0
0
1
AIS test mode, 12.5kHz channel (transmit data supplied by µC)
1
0
1
0
DSC test mode (transmit data supplied by µC)
1
0
1
1
Reserved, do not use
1
1
0
0
AIS test mode, 25kHz channel (internal PRBS transmitted)
1
1
0
1
AIS test mode, 12.5kHz channel (internal PRBS transmitted)
1
1
1
0
DSC test mode (internal PRBS transmitted)
1
1
1
1
Reserved, do not use
The Tx Mode bits select the modulation scheme and (AIS) channel spacing to use. The CMX910
automatically configures its internal modulators and channel filters for whichever transmit mode is
selected:
•
AIS (25kHz channel) = GMSK with a BT-product of 0.4 and a modulation index of 0.5.
•
AIS (12.5kHz channel) = GFSK with a BT-product of 0.3 and a modulation index of 0.25.
•
DSC = 1200 baud FSK, with frequency modulation of a 1700Hz sub-carrier and a pre-
emphasis of 6dB/octave. The frequency shift is between 1300Hz (logic 1) and 2100 Hz
(logic 0).
For both AIS and FSK operation, setting b5=1 puts the CMX910 into transmit test mode: this
causes data to be transmitted immediately, without waiting for the next transmit trigger point as in
normal transmit modes. Transmitted test data can be configured to come from the µC through the
Tx FIFO, or from an internally generated pseudo-random bit sequence. No data coding or
insertion of training sequences will be carried out, and the CMX910 will not attempt to perform RF
control using the ENAB pins and DAC0 ramping; transmission will continue until transmit test
mode is cleared by the µC. Note that when any test mode is enabled, it is essential that
Tx_Control b8 = 0.
Tx_Control register b1: Tx FIFO Clear
Data written to this bit does not get stored; instead, writing a 1 to this bit generates a reset pulse
which empties the Tx FIFO and resets the Tx FIFO fill level (Tx_Status b13-8) to zero.
Tx_Control register b0: Tx State Reset
Immediately after power up, the Tx channel must be initialised by writing a 1 to the Tx State Reset
bit of Tx_Control. Writing a 1 to the Tx State Reset bit can also be done at any other time in order
to cause any pending or active transmission to be terminated – this causes the PA and transmit
hardware to be switched off, any internal states related to Tx to be cleared and the internal
message buffers (AIS burst mode) to be wiped. The Tx FIFO will not be cleared by writing a 1 to
this bit, that can be done if necessary by writing a 1 to Tx_Control bit 1. Note: when a 1 is written
to this bit, a delay of at least 250 µs is required for the CMX910 to reset the transmit channel
before the Tx_Control register is written to again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com