Electronic Components Datasheet Search
  English  ▼

X  

CMX910 Datasheet(PDF) 23 Page - CML Microcircuits

Part # CMX910
Description  Flexible Signal Channels
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

CMX910 Datasheet(HTML) 23 Page - CML Microcircuits

Back Button CMX910 Datasheet HTML 19Page - CML Microcircuits CMX910 Datasheet HTML 20Page - CML Microcircuits CMX910 Datasheet HTML 21Page - CML Microcircuits CMX910 Datasheet HTML 22Page - CML Microcircuits CMX910 Datasheet HTML 23Page - CML Microcircuits CMX910 Datasheet HTML 24Page - CML Microcircuits CMX910 Datasheet HTML 25Page - CML Microcircuits CMX910 Datasheet HTML 26Page - CML Microcircuits CMX910 Datasheet HTML 27Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 61 page
background image
AIS Baseband Processor
CMX910
© 2009 CML Microsystems Plc
23
D/910/6
CSTDMA_Threshold register: 16-bit write only.
C-BUS Address $26
All bits cleared to 0 on reset.
Bit:
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
CSTDMA signal strength threshold
The value in the CSTDMA_threshold register is used when attempting a transmission with
CSTDMA enabled. At the beginning of the slot in which data is to be transmitted, typically just
before the PA is ramped up, the received signal strength in the selected CSTDMA channel (Rx1
or Rx2) is measured. If this exceeds the value in the CSTDMA_threshold register, the
transmission is aborted and a TxDone interrupt is generated. Otherwise, transmission proceeds
normally. Note: the value written to the CSTDMA_Threshold register must be between 0 and
32767 ($7FFF).
The received signal strength is calculated by accumulating the I/Q vector magnitudes at each
sample point (i.e. every 20.833µs) between the CSTDMA_START and CSTDMA_END points, as
defined in the Tx Event Sequence table (see section 5.5.5). Before being added to the running
total, each vector magnitude is multiplied by a fixed gain of 0.4117 and a user-programmable gain
“CSTDMA_gain” of between 0 and 1 (this is set up using a special command function, see section
5.12). In the case of overflow, the accumulated signal strength value saturates at 32767 ($7FFF).
The total accumulated signal strength value is given by:
∑
+
=
⎟
⎠
⎞
⎜
⎝
⎛
×
×
+
=
END
CSTDMA
START
CSTDMA
n
n
n
gain
CSTDMA
Q
I
strength
signal
CSTDMA
_
1
_
2
2
_
4117
.
0
_
_
For the purpose of calculating the CSTDMA signal strength, the signed 16-bit I and Q vector
values are taken directly from the output of the selected channel’s Σ-Δ ADCs, prior to passing
through the channel filters. With a DC voltage of ±1.7V (differential) applied to the input of the I or
Q ADC, the corresponding I or Q ADC output will be approximately ±15000.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com