Electronic Components Datasheet Search
  English  ▼

X  

MAX792 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX792
Description  Microprocessor and Non-Volatile Memory Supervisory Circuits
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX792 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX792 Datasheet HTML 4Page - Maxim Integrated Products MAX792 Datasheet HTML 5Page - Maxim Integrated Products MAX792 Datasheet HTML 6Page - Maxim Integrated Products MAX792 Datasheet HTML 7Page - Maxim Integrated Products MAX792 Datasheet HTML 8Page - Maxim Integrated Products MAX792 Datasheet HTML 9Page - Maxim Integrated Products MAX792 Datasheet HTML 10Page - Maxim Integrated Products MAX792 Datasheet HTML 11Page - Maxim Integrated Products MAX792 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Microprocessor and Non-Volatile
Memory Supervisory Circuits
8
_______________________________________________________________________________________
Detailed Description
Manual-Reset Input
Many µP-based products require manual-reset capabil-
ity, allowing the operator to initiate a reset. The manu-
al/external-reset input (MR) can connect directly to a
switch without an external pull-up resistor or debounc-
ing network. MR internally connects to a 1.30V com-
parator, and has a high-impedance pull-up to VCC, as
shown in Figure 1. The propagation delay from assert-
ing MR to reset asserted is typically 12µs. Pulsing MR
low for a minimum of 25µs asserts the reset function
(see
Reset Function section). The reset output remains
active as long as MR is held low, and the reset timeout
period begins after MR returns high (Figure 2). To pro-
vide extra noise immunity in high-noise environments,
pull MR up to VCC with a 100kΩ resistor.
Use MR as either a digital logic input or as a second low-
line comparator. Normal TTL/CMOS levels can be
wire-OR connected via pull-down diodes (Figure 3),
and open-drain/collector outputs can be wire-ORed
directly.
Monitoring the Regulated Supply
The MAX792/MAX820 offer two modes for monitoring
the regulated supply and providing reset and non-
maskable interrupt (NMI) signals to the µP: internal
threshold mode uses the factory preset low-line and
reset thresholds, and external programming mode
allows the low-line and reset thresholds to be pro-
grammed externally using a resistor voltage divider
(Figure 4).
Internal Threshold Mode
Connecting the reset-input/internal-mode select pin
(RESET IN/INT) to ground selects internal threshold
mode (Figure 4a). In this mode, the low-line and reset
thresholds are factory preset by an internal voltage
divider (Figure 1) to the threshold voltages specified in
the
Electrical Characteristics (Reset Threshold Voltage
and Low-Line Threshold Voltage). Connect the low-line
output (LOWLINE) to the µP NMI pin, and connect the
active-high reset output (RESET) or active-low reset
output (RESET) to the µP reset input pin.
Additionally, the low-line input/reference-output pin
(LLIN/REFOUT) connects to the internal 1.30V refer-
ence in internal threshold mode. Buffer LLIN/REFOUT
with a high-impedance buffer to use it with external
circuitry. In this mode, when VCC is falling, LOWLINE is
guaranteed to be asserted prior to reset assertion.
External Programming Mode
Connecting RESET IN/INT to a voltage above 600mV
selects external programming mode. In this mode, the
low-line and reset comparators disconnect from the inter-
nal voltage divider and connect to LLIN/REFOUT and
RESET IN/INT, respectively (Figure 1). This mode allows
flexibility in determining where in the operating voltage
range the NMI and reset are generated. Set the low-line
and reset thresholds with an external resistor divider, as in
Figure 4b or Figure 4c. RESET typically remains valid for
VCC down to 2.5V; RESET is guaranteed to be valid with
VCC down to 1V.
Calculate the values for the resistor voltage divider in
Figure 4b using the following equations:
1) R3 = (1.30 x VCC MAX)/(VLOW LINE x IMAX)
2) R2 = [(1.30 x VCC MAX)/(VRESET x IMAX)] - R3
3) R1 = (VCC MAX/IMAX) - (R2 + R3).
First choose the desired maximum current through the
voltage divider (IMAX) when VCC is at its highest (VCC
MAX). There are two things to consider here. First, IMAX
contributes to the overall supply current for the circuit, so
you would generally make it as small as possible.
Second, IMAX cannot be too small or leakage currents will
adversely affect the programmed threshold voltages; 5µA
is often appropriate. Determine R3 after you have chosen
IMAX. Use the value for R3 to determine R2, then use both
R2 and R3 to determine R1.
For example, to program a 4.75V low-line threshold and a
4.4V reset threshold, first choose IMAX to be 5µA when
VCC = 5.5V and substitute into equation 1.
R3 = (1.30 x 5.5)/(4.75 x 5E-6) = 301.05k
Ω.
301k
Ω is the nearest standard 0.1% value. Substitute
into equation 2:
R2 = [(1.30 x 5.5)/(4.4 x 5E-6)] - 301k
Ω = 23.95kΩ.
The nearest 0.1% resistor value is 23.7k
Ω. Finally, sub-
stitute into equation 3:
R1 = (5.5/5E-6) - (23.7k
Ω + 301kΩ) = 775kΩ.
The nearest 0.1% value resistor is 787k
Ω. Determine the
actual low-line threshold by rearranging equation 1 and
plugging in the standard resistor values. The actual low-
line threshold is 4.75V and the actual reset threshold is
4.40V. An additional resistor allows the MAX792/MAX820
to monitor the unregulated supply and provide an NMI
before the regulated supply begins to fall (Figure 4c).
Both of these thresholds will vary from circuit to circuit
with resistor tolerance, reference variation, and compara-
tor offset variation. The initial thresholds for each circuit
will also vary with temperature due to reference and off-
set drift. For highest accuracy, use the MAX820.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com