Electronic Components Datasheet Search
  English  ▼

X  

MAX792 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX792
Description  Microprocessor and Non-Volatile Memory Supervisory Circuits
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX792 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX792 Datasheet HTML 2Page - Maxim Integrated Products MAX792 Datasheet HTML 3Page - Maxim Integrated Products MAX792 Datasheet HTML 4Page - Maxim Integrated Products MAX792 Datasheet HTML 5Page - Maxim Integrated Products MAX792 Datasheet HTML 6Page - Maxim Integrated Products MAX792 Datasheet HTML 7Page - Maxim Integrated Products MAX792 Datasheet HTML 8Page - Maxim Integrated Products MAX792 Datasheet HTML 9Page - Maxim Integrated Products MAX792 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Microprocessor and Non-Volatile
Memory Supervisory Circuits
6
_______________________________________________________________________________________
____________________________Typical Operating Characteristics (continued)
(TA = +25°C, unless otherwise noted.)
100k
10
1n
1m
WATCHDOG TIMEOUT PERIOD
vs. SWT LOAD CAPACITANCE
1k
10k
CSWT (F)
10n
100n
100
VCC = 5V
VCC = 3V
20
0
0
25
125
250
CHIP-ENABLE PROPAGATION DELAY
vs. CE OUT LOAD CAPACITANCE
5
15
CLOAD (pF)
75
200
10
50
100
150 175
225
VCC = +5V
VCE IN = 0V TO 5V
DRIVER SOURCE
IMPEDANCE = 50
Ω
1.25
0
120
REF OUT VOLTAGE
vs. TEMPERATURE
TEMPERATURE (°C)
1.26
1.27
1.28
1.29
1.30
1.31
1.32
1.33
150
90
60
30
-30
-60
RESET IN / INT = 0V
160
20
0
60
120
CHIP-ENABLE ON-RESISTANCE
vs. TEMPERATURE
40
120
TEMPERATURE (°C)
80
180
200
60
100
140
90
150
30
-30
-60
VCC = 5V
VCE IN = 2.5V
0
VCC = 3V
VCE IN = 1.5V
0.900
0
60
150
INTERNAL-MODE RESET THRESHOLD
vs. TEMPERATURE (NORMALIZED)
TEMPERATURE (°C)
120
90
30
-30
-60
0.925
0.950
1.000
1.025
1.050
1.075
1.100
1.125
0.975
THE RESET THRESHOLD IS SHOWN
NORMALIZED TO 1, REPRESENTING
ALL AVAILABLE MAX792/MAX820



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com