Electronic Components Datasheet Search
  English  ▼

X  

MAX792 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX792
Description  Microprocessor and Non-Volatile Memory Supervisory Circuits
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX792 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX792 Datasheet HTML 1Page - Maxim Integrated Products MAX792 Datasheet HTML 2Page - Maxim Integrated Products MAX792 Datasheet HTML 3Page - Maxim Integrated Products MAX792 Datasheet HTML 4Page - Maxim Integrated Products MAX792 Datasheet HTML 5Page - Maxim Integrated Products MAX792 Datasheet HTML 6Page - Maxim Integrated Products MAX792 Datasheet HTML 7Page - Maxim Integrated Products MAX792 Datasheet HTML 8Page - Maxim Integrated Products MAX792 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Microprocessor and Non-Volatile
Memory Supervisory Circuits
________________________________________________________________
Maxim Integrated Products
1
19-0147; Rev. 2; 6/98
General Description
The MAX792/MAX820 microprocessor (µP) supervisory
circuits provide the most functions for power-supply
and watchdog monitoring in systems without battery
backup. Built-in features include the following:
1) µP reset: Assertion of RESET and RESET outputs dur-
ing power-up, power-down, and brownout condi-
tions. RESET is guaranteed valid for VCC down to 1V.
2) Manual-reset input.
3) Two-stage power-fail warning: A separate low-line
comparator compares VCC to a preset threshold
120mV above the reset threshold; the low-line and
reset thresholds can be programmed externally.
4) Watchdog fault output: Assertion of WDO if the watch-
dog input is not toggled within a preset timeout
period.
5) Pulsed watchdog output: Advance warning of
impending WDO assertion from watchdog timeout
that causes hardware shutdown.
6) Write protection of CMOS RAM, EEPROM, or other
memory devices.
The MAX792 and MAX820 are identical, except the
MAX820 guarantees higher low-line and reset threshold
accuracy (±2%).
Applications
Computers
Controllers
Intelligent Instruments
Critical µP Power Monitoring
Features
o Manual-Reset Input
o 200ms Power-OK / Reset Time Delay
o Independent Watchdog Timer—Preset or Adjustable
o On-Board Gating of Chip-Enable Signals
o Memory Write-Cycle Completion
o 10ns (max) Chip-Enable Gate Propagation Delay
o Voltage Monitor for Overvoltage Warning
o ±2% Reset and Low-Line Threshold Accuracy
(MAX820, external programming mode)
Ordering Information continued at end of data sheet.
* Dice are tested at TA = +25°C, DC parameters only.
**These parts offer a choice of five different reset threshold volt-
ages. Select the letter corresponding to the desired nominal
reset threshold voltage and insert it into the blank to complete the
part number.
MAX792
4
5
7
8
9
1
10
6
14
ADDRESS
DECODER
RESET IN/INT
LLIN/
REFOUT
OVI
SWT
3
VCC
GND
12
MR
RESET
LOW LINE
OVO
CE IN
CE OUT
0.1µF
VCC
RAM
A0-A15
VCC
GND
NMI
RESET
µP
13
Typical Operating Circuit
PART**
TEMP. RANGE
PIN-PACKAGE
MAX792_CPE
0°C to +70°C
16 Plastic DIP
MAX792_CSE
0°C to +70°C
16 Narrow SO
MAX792_C/D
0°C to +70°C
Dice*
SUFFIX
RESET THRESHOLD (V)
4.62
4.37
3.06
2.91
2.61
L
M
T
S
R
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800.
For small orders, phone 1-800-835-8769.
Ordering Information


Similar Part No. - MAX792

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX792C MAXIM-MAX792C Datasheet
340Kb / 16P
Microprocessor and Nonvolatile Memory Supervisory Circuits
Rev. 4; 11/05
MAX792CPE MAXIM-MAX792CPE Datasheet
340Kb / 16P
Microprocessor and Nonvolatile Memory Supervisory Circuits
Rev. 4; 11/05
MAX792CSE MAXIM-MAX792CSE Datasheet
340Kb / 16P
Microprocessor and Nonvolatile Memory Supervisory Circuits
Rev. 4; 11/05
MAX792D MAXIM-MAX792D Datasheet
340Kb / 16P
Microprocessor and Nonvolatile Memory Supervisory Circuits
Rev. 4; 11/05
MAX792EJE MAXIM-MAX792EJE Datasheet
340Kb / 16P
Microprocessor and Nonvolatile Memory Supervisory Circuits
Rev. 4; 11/05
More results

Similar Description - MAX792

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC690 LINER-LTC690 Datasheet
141Kb / 16P
Microprocessor Supervisory Circuits
logo
List of Unclassifed Man...
S-2210R ETC-S-2210R Datasheet
193Kb / 1P
NON-VOLATILE MEMORY/NON-VOLATILE RAM
logo
Maxim Integrated Produc...
MAX792 MAXIM-MAX792_05 Datasheet
340Kb / 16P
Microprocessor and Nonvolatile Memory Supervisory Circuits
Rev. 4; 11/05
logo
Analog Devices
ADM691AARN-REEL7 AD-ADM691AARN-REEL7 Datasheet
344Kb / 12P
Microprocessor Supervisory Circuits
REV. 0
ADM695ANZ AD-ADM695ANZ Datasheet
291Kb / 16P
Microprocessor Supervisory Circuits
REV. A
ADM691ARZ AD-ADM691ARZ Datasheet
291Kb / 16P
Microprocessor Supervisory Circuits
REV. A
logo
ATMEL Corporation
AT90LS4433 ATMEL-AT90LS4433_14 Datasheet
1Mb / 126P
Data and Non-volatile Program Memory
AT90S1200 ATMEL-AT90S1200_14 Datasheet
1Mb / 71P
Data and Non-volatile Program Memory
AT90S4433 ATMEL-AT90S4433_14 Datasheet
1Mb / 126P
Data and Non-volatile Program Memory
AT90PWM81 ATMEL-AT90PWM81_14 Datasheet
3Mb / 327P
Data and non-volatile program memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com