Electronic Components Datasheet Search
  English  ▼

X  

CMX7262 Datasheet(PDF) 45 Page - CML Microcircuits

Part # CMX7262
Description  Half-duplex operation
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

CMX7262 Datasheet(HTML) 45 Page - CML Microcircuits

Back Button CMX7262 Datasheet HTML 41Page - CML Microcircuits CMX7262 Datasheet HTML 42Page - CML Microcircuits CMX7262 Datasheet HTML 43Page - CML Microcircuits CMX7262 Datasheet HTML 44Page - CML Microcircuits CMX7262 Datasheet HTML 45Page - CML Microcircuits CMX7262 Datasheet HTML 46Page - CML Microcircuits CMX7262 Datasheet HTML 47Page - CML Microcircuits CMX7262 Datasheet HTML 48Page - CML Microcircuits CMX7262 Datasheet HTML 49Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 52 page
background image
TWELP Vocoder
CMX7262
 2013 CML Microsystems Plc
Page 45
D/7262_FI-1.x/4
7.1.3
Operating Characteristics
For the following conditions unless otherwise specified:
External components as recommended in Section 5, External Components.
Maximum load on digital outputs = 30pF.
Xtal Frequency = 9.6MHz
0.01% (100ppm); T
AMB = 40C to +85C.
AVDD = DVDD = 3.0V to 3.6V.
Reference Signal Level = 308mV rms at 1kHz with AVDD = 3.3V.
Signal levels track with supply voltage, so scale accordingly.
Signal to Noise Ratio (SNR) in bit rate bandwidth.
Input stage gain = 0dB. Output stage attenuation = 0dB.
Current consumption figures quoted in this section apply to the device only when loaded with
CMX7262 FI-1.0.0.0. Current consumption may vary with Function Image
™.
DC Parameters
Notes
Min.
Typ.
Max.
Unit
XTAL/CLK
20
Input Logic ‘1’
70%
–
–
DVDD
Input Logic ‘0’
–
–
30%
DVDD
Input Current (Vin = DVDD)
–
–
40
µA
Input Current (Vin = DVSS)
-40
–
–
µA
C-BUS Interface and Logic Inputs
Input Logic ‘1’
70%
–
–
DVDD
In
put Logic ‘0’
–
–
30%
DVDD
Input Leakage Current (Logic ‘1’ or ‘0’)
22
-1.0
–
1.0
µA
Input Capacitance
–
–
7.5
pF
C-BUS Interface and Logic Outputs
Output Logic ‘1’ (IOH = 2mA)
90%
–
–
DVDD
Output Logic ‘0’ (IOL = -5mA)
–
–
10%
DVDD
“Off” State Leakage Current
22
-1.0
–
1.0
µA
VBIAS
21
Output Voltage Offset w.r.t. AVDD/2 (IOL < 1A)
–
±2%
–
AVDD
Output Impedance
–
50
–
k
Notes:
20
Characteristics when driving the XTAL/CLK pin with an external clock source.
21
Applies when utilising VBIAS to provide a reference voltage to other parts of the
system. When using VBIAS as a reference, VBIAS must be buffered. VBIAS must
always be decoupled with a capacitor as shown in Section 5 External
Components.
22
TAMB = 25C, not including any current drawn from the device pins by external
circuitry.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com