Electronic Components Datasheet Search
  English  ▼

X  

CMX7262 Datasheet(PDF) 13 Page - CML Microcircuits

Part # CMX7262
Description  Half-duplex operation
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

CMX7262 Datasheet(HTML) 13 Page - CML Microcircuits

Back Button CMX7262 Datasheet HTML 9Page - CML Microcircuits CMX7262 Datasheet HTML 10Page - CML Microcircuits CMX7262 Datasheet HTML 11Page - CML Microcircuits CMX7262 Datasheet HTML 12Page - CML Microcircuits CMX7262 Datasheet HTML 13Page - CML Microcircuits CMX7262 Datasheet HTML 14Page - CML Microcircuits CMX7262 Datasheet HTML 15Page - CML Microcircuits CMX7262 Datasheet HTML 16Page - CML Microcircuits CMX7262 Datasheet HTML 17Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 52 page
background image
TWELP Vocoder
CMX7262
 2013 CML Microsystems Plc
Page 13
D/7262_FI-1.x/4
5.3
Serial Port Interface
The CMX7262 can also load its Function Image
TM from an external serial memory. Pins 59, 61, 62 and 63
act as serial port pins. For more information refer to section 3 Signal List.
Figure 5 below shows the connections required for interfacing CMX7262 to a typical external serial
memory for booting from a Function Image
TM.
1
62
5
59
2
6
63
61
MOSI
MISO
SSOUT0
SSPCLK
SI
SO
CS
SCK
CMX7262
AT25F512
Serial Memory
Figure 5 Interfacing the CMX7262 to Serial Memory
Hardware design must ensure that, when booting from external serial memory, no device other than the
external serial memory drives the serial port interface pins.
5.4
Audio Output
5.4.1
Audio Output Routing
The CMX7262 has four possible analogue outputs: two differential outputs
– ANAOUT1 and ANAOUT2, a
low-impedance differential output speaker driver
– SPKR1 and, a single-ended output – SPKR2 that can
drive a headset/earpiece.
The CMX7262
’s DAC (ANAOUT DAC) can output analogue waveforms on any or all of the four outputs
(ANAOUT1, ANAOUT2, SPKR1 and SPKR2) under the control of four C-BUS registers. Figure 6
Analogue Audio Output Routing, shows the analogue output signal routing and control.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com