Electronic Components Datasheet Search
  English  ▼

X  

CMX7262 Datasheet(PDF) 2 Page - CML Microcircuits

Part # CMX7262
Description  Half-duplex operation
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

CMX7262 Datasheet(HTML) 2 Page - CML Microcircuits

  CMX7262 Datasheet HTML 1Page - CML Microcircuits CMX7262 Datasheet HTML 2Page - CML Microcircuits CMX7262 Datasheet HTML 3Page - CML Microcircuits CMX7262 Datasheet HTML 4Page - CML Microcircuits CMX7262 Datasheet HTML 5Page - CML Microcircuits CMX7262 Datasheet HTML 6Page - CML Microcircuits CMX7262 Datasheet HTML 7Page - CML Microcircuits CMX7262 Datasheet HTML 8Page - CML Microcircuits CMX7262 Datasheet HTML 9Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 52 page
background image
TWELP Vocoder
CMX7262
 2013 CML Microsystems Plc
Page 2
D/7262_FI-1.x/4
1
Brief Description
The CMX7262 TWELP Vocoder IC is a device supporting a Tri-Wave Excited Linear Prediction (TWELP)
vocoder functionality in a single chip. The CMX7262 is capable of encoding analogue voice into TWELP-
encoded frames. It is capable of decoding TWELP-encoded frames back to analogue voice.
Input and output signals may be passed through the C-BUS interface, or the on-chip analogue-to-digital
and digital-to-analogue converters (ADC/DAC).
The CMX7262 is designed to be flexible. However, it interfaces directly to the CMX7141 modem and the
two can used together to build a dPMR radio.
The device utilises CML’s proprietary FirmASICcomponent technology. On-chip sub-systems are
configured by a Function
Image™ data file that is uploaded during device initialisation and defines the
device's function and feature set. The Function
Image™ can be loaded automatically from a host
microcontroller over the C-BUS serial interface or from an external memory device. The device's functions
and features can be enhanced by subsequent Function
Image™ releases, facilitating in-the-field
upgrades.
The CMX7262 operates from a 3.3V supply and includes selectable power saving modes. It is available in
a 64-VQFN (Q1) and 64-LQFP (L9) packages.
Note that text shown in pale grey indicates features that will be supported in future versions of the device.
This Data Sheet is the first part of a two-part document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com